Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 24 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 24 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 20Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 21Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 22Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 23Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 24Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 25Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 26Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 27Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 28Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 24 of 85
1-888-824-4184
2.1.9
LQFP Physical Dimensions
The physical dimensions for the 80 LQFP are as shown in Figure 9.
Figure 9. 80-Pin LQFP Physical Package Dimensions
Legend:
Symbol
Dimension in mm
Dimension in Inch
Min
Nom
Max
Min
Mom
Max
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
b
0.17
0.22
0.27
0.007
0.009
0.011
b1
0.17
0.20
0.23
0.007
0.008
0.009
c
0.09
0.20
0.004
0.008
c1
0.09
0.16
0.004
0.006
D
14.00 BSC
0.551 BSC
D1
12.00 BSC
0.472 BSC
E
14.00 BSC
0.551 BSC
E1
12.00 BSC
0.472 BSC
e
0.50 BSC
0.020 BSC
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00 REF
0.039 REF
R1
0.08
0.003
R2
0.08
0.20
0.003
0.008
S
0.20
0.008
θ
3.5°
3.5°
θ
1
θ
2
11°
12°
13°
11°
12°
13°
θ
3
11°
12°
13°
11°
12°
13°
Notes:
1. Exact shape of each corner is optional.
2. Controlling dimension: mm.
1. To be determined at seating plane C.
2. Dimensions D1 and E1 do not include
mold protrusion. D1 and E1 are
maximum plastic body size
dimensions including mold mismatch.
3. Dimension b does not include dambar
protrusion. Dambar cannot be located
on the lower radius of the foot.
4. Exact shape of each corner is
optional.
5. These dimensions apply to the flat
section of the lead between 0.10 and
0.25mm from the lead tip.
6. A1 is defined as the distance from the
seating plane to the lowest point of the
package body.


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
8/16-Bit Microcontrollers
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
8-Bit/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
16-Bit/8-Bit Microcontrollers with RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com