Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA5222 Datasheet(PDF) 1 Page - Sanken electric

Part # SLA5222
Description  For partial switching PFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5222 Datasheet(HTML) 1 Page - Sanken electric

  SLA5222 Datasheet HTML 1Page - Sanken electric SLA5222 Datasheet HTML 2Page - Sanken electric SLA5222 Datasheet HTML 3Page - Sanken electric SLA5222 Datasheet HTML 4Page - Sanken electric SLA5222 Datasheet HTML 5Page - Sanken electric SLA5222 Datasheet HTML 6Page - Sanken electric SLA5222 Datasheet HTML 7Page - Sanken electric SLA5222 Datasheet HTML 8Page - Sanken electric SLA5222 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For partial switching PFC
Integrated IGBT and Diode Bridge Rectifier
SLA5222
SLA5222-DS Rev.1.0
SANKEN ELECTRIC CO.,LTD.
1
Mar. 25, 2014
Features
 SLA5222 incorporates IGBT and diodes for bridge
rectifier of partial switching PFC, and achieves board
space reduction.
 Low Saturation Voltage IGBT
 Low V
F Diode Bridge Rectifier
 Clip Lead is adopted for inner lead
-Low Inductance
-Low Resistance
-High Power Dissipation
-Smoke generation and explosion are less likely to
occur in case of destruction
 V
CE ------------------------------------------------------ 600 V
 I
C-------------------------------------------30 A (TC = 100 °C)
 V
CE(sat)-----------------------------------------------1.3 V typ.
 t
f --------------------------------------------------- 170 ns typ.
Applications
For partial switching PFC
 Air conditioner
 Other SMPS
Package
SLA
Not to scale
Equivalent circuit
Absolute Maximum Ratings
Unless otherwise specified, T
A = 25 °C
Parameter
Symbol
Test conditions
Rating
Unit
Collector to Emitter Voltage
VCES
600
V
Gate to Emitter Voltage
VGE
± 30
V
Continuous Collector Current
IC(DC)
TC = 25 °C
30
A
Pulsed Collector Current
IC (PULSE)
*1
PW ≤ 1ms
Duty cycle ≤ 1 %
100
A
Maximum Collector to Emitter
dv/dt
dv/dt
*2
TC ≤ 125 °C
Refer to Figure 1
5
V/ns
Diode Peak Reverse Voltage
VRM
600
V
Diode Forward Current
IF
25
A
Diode Peak Surge Forward Current
IFSM
*3
PW ≤ 10ms,
Half sinewave, 1 shot
200
A
Diode I
2t Limiting Value
I
2t *4
1 ms ≤ PW ≤ 10 ms
200
A
2s
Maximum Allowable Power
Dissipation
PT
*5
No. Fin.
All Element Operation
5
W
All Element Operation
92
W
Isolation Voltage
VISO
Between fin and all pins
1500
Vrms
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
− 40 to 150
°C
(1)
(7)
(1)
(2)
(3)
(4)
(7)
(5)
(6)


Similar Part No. - SLA5222

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
   Built-in IGBT and diode bridge of partial switching PFC circuit Enable to reduce mounting area
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
   Built-in IGBT and diode bridge of partial switching PFC
More results

Similar Description - SLA5222

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
   Built-in IGBT and diode bridge of partial switching PFC
logo
Renesas Technology Corp
RJP65T54DPM-E0 RENESAS-RJP65T54DPM-E0 Datasheet
268Kb / 8P
   Partial switching circuit
logo
Fairchild Semiconductor
FSAB20PH60 FAIRCHILD-FSAB20PH60_06 Datasheet
218Kb / 16P
   Smart Power Module for Partial Switching Converter
FSAB20PH60 FAIRCHILD-FSAB20PH60 Datasheet
589Kb / 16P
   Smart Power Module for Partial Switching Converter
logo
Toshiba Semiconductor
GT30J122A TOSHIBA-GT30J122A Datasheet
199Kb / 7P
   Dedicated to Current-Resonant Inverter Switching Applications Dedicated to Partial-Switching Power Factor rrection (PFC) Applications
logo
Sanken electric
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
   Built-in IGBT and diode bridge of partial switching PFC circuit Enable to reduce mounting area
logo
NXP Semiconductors
TJA1145 NXP-TJA1145 Datasheet
561Kb / 57P
   High-speed CAN transceiver for partial networking
Rev. 4-09 May 2018
TJA1145A NXP-TJA1145A Datasheet
658Kb / 57P
   High-speed CAN transceiver for partial networking
logo
Shindengen Electric Mfg...
MR1000 SHINDENGEN-MR1000 Datasheet
418Kb / 3P
   (MR1xxx) IC module for partial resonance power
logo
National Semiconductor ...
SM1230-XAX NSC-SM1230-XAX Datasheet
2Mb / 10P
   Power Optimizers Partial Deployment for Single String Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com