Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 59 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 59 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 55Page - Tyco Electronics 5748526-1 Datasheet HTML 56Page - Tyco Electronics 5748526-1 Datasheet HTML 57Page - Tyco Electronics 5748526-1 Datasheet HTML 58Page - Tyco Electronics 5748526-1 Datasheet HTML 59Page - Tyco Electronics 5748526-1 Datasheet HTML 60Page - Tyco Electronics 5748526-1 Datasheet HTML 61Page - Tyco Electronics 5748526-1 Datasheet HTML 62Page - Tyco Electronics 5748526-1 Datasheet HTML 63Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
148
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Hardware (Continued)
Material and Finish:
All Parts—Cold rolled steel, zinc
plated clear or yellow chromate
Related Product Data:
Connectors used with:
HDE Metal-Shell or All-Plastic—
pages 112-115
HDF Metal-Shell or All-Plastic—
pages 125 & 126
HDP Metal-Shell—pages 90-102
HD Board Mount—pages 54-71,
78-85, 87-89
Technical Documents:
Instruction Sheet—408-7837
Nut Driver, Part No. 811262-1
(Used for assembling female screwlocks
to connector flange)
Individual Screwlocks
(Washers and Nuts not included)
Connector
Dimension
Thread
Kit Number
Used with
Style
C
Size
Finish
Individual
Bulk PackedLL
HD All-Plastic Right-Angle
.250
Yellow Chromate
5207952-1
Plugs and Receptacles
(A)
6.35
4-40
Clear Chromate
5207952-3
HDE Metal-Shell or All-Plastic
.250
Yellow Chromate
5745563-1
5745563-1
Plugs and Receptacles
(B)
6.35
4-40
Clear Chromate
5745563-3
5745563-4
Yellow Chromate
5205817-1
5205817-2
HDP or HDF Metal-Shell or
.312
4-40
Clear Chromate
5205817-3
5205817-4
All-Plastic Plugs and
(B)
7.93
M3
Yellow Chromate
5207872-1
Receptacles
(Metric)
Clear Chromate
5207872-3
HD or HDF All-Plastic Plugs
4-40
Yellow Chromate
5207719-1
5207719-2
and Receptacles with
.560
Clear Chromate
5207719-3
5207719-4
Integral Standoffs
(B)
14.22
*2-56*
Clear Chromate
5747223-3
* 2-56 is the male thread size. The female thread size is 4-40.
L
L
Each part is individually bulk packed for multiple kit orders.
Notes: 1. All parts are packaged unassembled.
2. Each female screwlock kit is comprised of two assemblies as illustrated above.
3. One or two flat washers may be required for panel thicknesses less than .060 [1.52]. Female screwlocks
are not recommended for panel thicknesses greater than .060 [1.52].
Notes: 4. Female screwlocks with 2-56 thread size are to be used with cable clamps with mounting flanges. Female
screwlocks with 4-40 and M3 (Metric) thread sizes can be used with all other cable clamps.
Notes: 5. Female screwlocks mate with male screw retainers (pages 146 and 147).
6. Short female screwlocks cannot be used with HDF connectors (pages 125 & 126)
Connector
Dimension
Thread
Screwlocks
Used with
Style
C
Size
Finish
Individual
Bulk PackedLL
HD All-Plastic Right-Angle
.250
Yellow Chromate
5207953-2
Plugs and Receptacles
(A)
6.35
4-40
Clear Chromate
5207953-3
Clear Chromate
5205818-3LLLL
4-40
5748558-3
5748558-4
.312
Yellow Chromate
5748270-2
5205818-2LLLL
HDP or HDF Metal-Shell or
(B)
7.93
**M2.6**
All-Plastic Plugs and
(Metric)
Clear Chromate
5749765-3
Receptacles
***M3***
(Metric)
Clear Chromate
5747404-3
.185
(Special)
4.70
4-40
Clear Chromate
5747877-3
L
L
Each part is individually bulk packed for multiple kit orders.
L
L L
L
With captivated star washer. No additional hardware included.
†Part No. 5748270-2
Dimension .158 [4.01]
***M2.6 is the female thread size. The male thread size is 4-40.
***M3 is the female thread size. The male thread size is 4-40.
Lock Washer
Flat Washers
(See Note 3.)
Style (B). Standard and
Long Female Screwlocks Kit
Metal-Shell or
All-Plastic
Plug or
Receptacle
(Shown for Ref. only.
See Notes 4 & 5.)
Style (A). Female
Screwlocks Kit
Square
Nut
Hex Nut
Flat Washers
.188†
[4.78]
.188†
[4.78]
.250
[6.35]
C
C
Female Screwlocks
for Metal-Shell and
All-Plastic Connectors
(HDE, HDF, HDP)
†Part Number 5748270-2
Dimension .158 [4.01]


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com