Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 57 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 57 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 53Page - Tyco Electronics 5748526-1 Datasheet HTML 54Page - Tyco Electronics 5748526-1 Datasheet HTML 55Page - Tyco Electronics 5748526-1 Datasheet HTML 56Page - Tyco Electronics 5748526-1 Datasheet HTML 57Page - Tyco Electronics 5748526-1 Datasheet HTML 58Page - Tyco Electronics 5748526-1 Datasheet HTML 59Page - Tyco Electronics 5748526-1 Datasheet HTML 60Page - Tyco Electronics 5748526-1 Datasheet HTML 61Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
146
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Hardware
Material and Finish:
Male Screw—Steel, zinc plated clear
or yellow chromate
Retaining Clip—.012 [0.31] stainless
steel
Related Product Data:
Connectors used with:
HDE Metal-Shell—pages 114 & 115
HDP Metal-Shell—pages 90-102
Technical Documents:
Instruction Sheet—408-7837
Male Screw Retainers
for Metal-Shell
Connectors
(HDE and HDP)
Male Screw
Dimension
Male Screw Retainer Kit No.
Finish
Thread Size
A
Individual
Bulk Packed*
.220
5205980-1
5205980-3
5.59
5787354-1**
Yellow
4-40
.200
Chromate
5.08
5745136-1
5745136-2
M3
.225
(Metric)
5.72
5207871-1
.220
Clear
5.59
5205980-4
5205980-5
Chromate
4-40
.200
5.08
5745136-3
5745136-4
*Each part is individually bulk packed for multiple kit orders.
** Phillips Head Screw
Notes: 1. All parts are packaged unassembled.
2. Each kit is comprised of two male screws and two retaining clips. Male screw retainers are also furnished
as part of cable clamp kits (pages 137 and 138).
Notes: 3. Male screw retainers mate with female screwlocks (page 144), with HDF metal-shell connectors featuring
4-40 threaded inserts (page 148) and with HD metal-shell board mount connectors featuring 4-40 threaded
inserts or female screwlocks.
Notes: 4. Retaining clip must be assembled onto connector flanges with threaded hole toward wire side of connector.
Notes: 5. All screws have straight slotted heads except where noted.
Notes: 6. Retaining clip must be assembled onto connector flanges with notched side of retainer toward mating side of
connector.
Male Screw
.223
[5.66]
.185
[4.70]
.280
[7.11]
.250
[6.35]
A
A
Male Screw
Retaining Clip
See Note 4
Retaining Clip
(745136 Series)
Metal-Shell
Plug or
Receptacle
(Shown for Ref. only)
Commoning Strip
(for HDF-20 Plugs,
Size 20 Pin Contacts)
Material and Finish:
Brass, .004 [0.10] thick, tin plated
Part No. 206918-2
(Continuous Strip)
Related Product Data:
Used with HDF-20 Plugs—
page 126
Notes:
1. Use punching tool to remove
undesired pin commoning
locations on commoning strip.
Use mating receptacle to seat strip
over pins in plug. Punching tool is
not supplied by TE.
2. Sold in strip form, strip contains
10,000 commoning locations.
HDF-20
Metal-Shell or
All-Plastic
Plug
(Shown for Ref. only)
.037
[0.94]
.112
[2.84]
.108
[2.74]
.212
[5.38]
Max.
Dia. Max.
See Note 6
Note: All part numbers are RoHS
compliant.


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com