Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 56 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 56 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 52Page - Tyco Electronics 5748526-1 Datasheet HTML 53Page - Tyco Electronics 5748526-1 Datasheet HTML 54Page - Tyco Electronics 5748526-1 Datasheet HTML 55Page - Tyco Electronics 5748526-1 Datasheet HTML 56Page - Tyco Electronics 5748526-1 Datasheet HTML 57Page - Tyco Electronics 5748526-1 Datasheet HTML 58Page - Tyco Electronics 5748526-1 Datasheet HTML 59Page - Tyco Electronics 5748526-1 Datasheet HTML 60Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
145
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Shielded Cable Clamps (Continued)
When using these Shield Kits
Use these Ferrules
90° Exit Die Cast
Straight Exit Shield Kit No.
Shield Kit No.
Crimp Ferrule No. and Tooling No.**
Cable
With
Without
Die Set for
Shell
Dia.
Metal-Plated
Slide
Slide
Split-Ring*
Hand Tool
Applicator
Size
(Max.)
Die Cast
Plastic
Latch
Latch
Ferrule No.
Inner
Outer
54334-1
Die Set
.240
6.10
5745174-4
5747100-7
——
7-745129-3
3-745130-8
543013-3
813809-1
.280
7.11
5745174-4
5747100-7
——
7-745129-8
4-745130-5
1-543013-6
813809-7
.350
8.90
5745174-5
5747100-9
——
745508-5
——
.350
8.90
5745174-4
5747100-7
——
7-745129-2
3-745130-9
543013-4
813809-2
.430
4
10.92
5745174-4
5747100-7
——
745508-1
7-745129-1
4-745130-1
543013-7
813809-3
.500
12.70
5745174-3
——
745508-8
——
.525
13.34
5745174-1
5747100-1
——
7-745129-6
4-745130-2
1-543013-1
813809-4
.575
14.61
5745174-2
5747100-3
——
1-745508-0
——
.650
16.51
5745174-1
5747100-1
——
1-745508-1
——
.240
6.10
5745175-6
——
7-745129-0
3-745130-8
543013-2
813809-1
.365
9.27
5745175-6
——
6-745129-9
4-745130-0
543013-6
813809-5
.375
9.53
5745175-6
——
745508-6
——
.430
10.92
5745175-4
——
7-745129-5
4-745130-1
543013-8
813809-3
.450
11.43
5745175-5
——
745508-7
——
5
.525
13.34
5745175-4
——
745508-9
——
.530
13.46
5745175-4
——
7-745129-4
4-745130-2
1-543013-0
813809-4
.600
15.24
5745175-3
——
1-745508-0
——
.650
16.51
5745175-1
5747098-1
——
1-745508-1
4-745130-3
1-543013-4
.675
17.15
5745175-2
——
1-745508-1
——
.750
19.05
5745175-1
5747098-1
——
1-745508-2
——
**For split-ring ferrules, Min. O.D. is .040 [1.02] smaller than Max. O.D.
**For inner and outer ferrules, Min. O.D. is .050 [1.27] smaller than Max. O.D. At the Max. cable O.D. the Min. insulation thickness is .060 [1.52].
Note: Refer to page 143 for Application Tooling for ferrules.
Crimp and Split-Ring Ferrules (Continued)


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com