Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 53 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 53 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 49Page - Tyco Electronics 5748526-1 Datasheet HTML 50Page - Tyco Electronics 5748526-1 Datasheet HTML 51Page - Tyco Electronics 5748526-1 Datasheet HTML 52Page - Tyco Electronics 5748526-1 Datasheet HTML 53Page - Tyco Electronics 5748526-1 Datasheet HTML 54Page - Tyco Electronics 5748526-1 Datasheet HTML 55Page - Tyco Electronics 5748526-1 Datasheet HTML 56Page - Tyco Electronics 5748526-1 Datasheet HTML 57Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
142
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Shielded Cable Clamps (Continued)
Note: All part numbers are RoHS
compliant.
Both the straight exit and
the 90° exit die cast RFI/EMI
shield allows cable to be fully
prepared and terminated to
the connector before the
shield is installed. During
installation, the shield of the
jacketed cable is folded
back and compressed into
the cable opening of the
RFI/EMI shield. For greater
cable support and/or
shielding effectiveness, split-
ring and crimp ferrules are
available (pages 143-145).
Material and Finish:
Shield—Zinc alloy, plated nickel over
copper
4-40 Pan Head Screws & Latch
Screws (90° Exit Only)—Steel, zinc
plated
One-Piece Slide Latch (90° Exit
Only)—Stainless steel
Related Product Data:
Ferrules—pages 143-145
Connectors used with:
HDE Metal-Shell—pages 114 & 115
HDP Metal-Shell (Tin plated
only)—pages 90-102
Technical Documents:
Product Specification—
108-40032
Instruction Sheet—408-6769
Cable
Shell
No. of
ID
Dia.
Part
Grommet
Size
Positions
Letter
w/Ferrules
Number
Kit
.260-.300
E
6.60-7.72
5745919-3
2
15
.190-.375
H
4.83-9.53
5745919-2
747746-1*
.190-.430
K
4.83-10.92
5745919-1
*Cable Dia. Range using Grommet is .185-.320 [4.70-8.13].
Notes: 1. All parts packaged unassembled.
2. Each kit comprised of a two-piece shield with 2 pan head screws.
3. Split-ring and crimp ferrules are shown on pages 143-145.
Shield
Shield
Cable
with Slide Latch
without Slide Latch
Grommet
Shell
Dimension
Dia.
Kit Numbers
Kit Numbers
Kit
Size
A
w/Ferrules
(See Note 2)
(See Note 3)
.185-.225
4.70-6.48
5745652-4
——
.260-.300
6.60-7.62
5745652-3
——
2.310
.190-.375
2
58.67
4.83-9.53
5745652-2*
747746-1
.190-.430
4.83-10.92
5745652-1
——
.240-.280
6.10-7.11
5745653-5
——
.315-.355
8.00-9.02
5745653-4
——
2.850
.190-.430
3
72.39
4.83-10.92
5745653-3
5747194-3
.440-.480
11.18-12.19
5745653-2
——
.380-.530
9.65-13.46
5745653-1*
747973-1
* Cable Dia.with Grommet Kit: Size 2 = .185-.320 [4.70-8.13];Size 3 = .255-.470 [6.48-11.94].
Notes: 1.All parts are packaged unassembled.
2.Each kit is comprised of a two-piece shield with three pan head screws and a slide latch with two 4-40 slide latch screws.
3.Each kit is comprised of a two-piece shield with three pan head screws.
4.Split-ring and crimp ferrules are shown on pages 143-145.
90° Exit RFI/EMI
Die Cast Shields
for Jacketed Cable
(Two-Piece)
HDE or HDP Plug or Receptacle
(Shown for Ref. only)
A
1.285
[32.64]
1.805
[45.85]
1.545
[39.24]
HDE or HDP Plug or Receptacle
(Shown for Ref. only)
One-Piece Slide Latch
(Not Included)
One-Piece Slide Latch
(See Note 2.)
.620
[15.75]
.629
[15.98]
Straight Exit
RFI/EMI Die Cast Shield
for Jacketed Cable
(Two-Piece)


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com