Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 50 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 50 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 46Page - Tyco Electronics 5748526-1 Datasheet HTML 47Page - Tyco Electronics 5748526-1 Datasheet HTML 48Page - Tyco Electronics 5748526-1 Datasheet HTML 49Page - Tyco Electronics 5748526-1 Datasheet HTML 50Page - Tyco Electronics 5748526-1 Datasheet HTML 51Page - Tyco Electronics 5748526-1 Datasheet HTML 52Page - Tyco Electronics 5748526-1 Datasheet HTML 53Page - Tyco Electronics 5748526-1 Datasheet HTML 54Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
139
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Unshielded Cable Clamps (Continued)
Metal-Shell HDP-20
Plug or Receptacle
(Shown for Ref. only)
Female Screwlock
(Order separately,
see page 144.)
A Max.
B
.770
[19.56]
Max.
Max.
Shell
Dimensions
Cable Dia.
Cable Dia.
Cable Gate
Thread
Cable Clamp Kit No.
Size
A
B
(without Gate)
(with Gate)
Identification*
Size
.200
2A
5.08
2
1.575
1.312
.400
.260
2B
4-40
5745122-2
40.01
33.32
10.16
6.60
.320
2C
8.13
.250
3A
6.35
3
2.115
1.421
.500
.340
3B
4-40
5745121-2
53.72
36.09
12.70
8.64
.420
3C
10.67
*Molded-in identification (as shown in chart above) is provided on cable support gates to facilitate proper selection with
regard to shell size and maximum acceptable cable diameter.
Notes: 1. All parts are packaged unassembled.
2. Cable diameter is adjustable by changing cable support gates.
Straight Exit Dataphone
Material and Finish:
Cable Clamp Housing—
Nylon, black
4-40 Fillister Head Screws & Hex
Nuts—Steel, clear zinc plated
Jackscrews—Steel, black zinc plated
Related Product Data:
Connectors used with:
HDP Metal-Shell—pages 90-102
Straight Exit for Jacketed
Cable (Two-Piece)
HDE or HDP Plug
or Receptacle
(Shown for Ref. only)
A
B
C
D
1.920
[48.77]
4-40 Male Jackscrew Kit Nos.:
747784-8 (bulk packed)*†
*Each part is individually bulk
packed for multiple kit orders.
†Slotted for screwdriver use.
Cable Clamp Kits with Grommets
Cable
No. of
Shell
Dimensions
O.D.
Grommets
Kit Numbers
Size
ABCD
Range
Per Set
1.215
1.910
.570
.630
.185-.320
1
30.86
48.51
14.48
16.00
4.70-8.13
4
5748678-1
1.545
1.910
.620
.620
.185-.320
2
39.24
48.51
15.75
15.75
4.70-8.13
4
5748678-2
2.090
1.920
.680
.640
.255-.470
3
53.09
48.77
17.27
16.26
6.48-11.94
6
5748678-3
2.738
1.920
.800
.620
.255-.470
4
69.55
48.77
20.32
15.75
6.48-11.94
6
5748678-4
2.644
1.920
.900
.730
.255-.470
5
67.16
48.77
22.86
18.54
6.48-11.94
6
5748678-5
Notes: 1. All parts are packaged unassembled.
2. Jackscrews must be purchased separately.
3. Split-ring and crimp ferrules are shown on pages 143-145.
4. Shielded cable clamps will not accept connector housings with clinch nuts.
This cable clamp allows
cable to be fully prepared
and terminated to the
connector before the clamp
is installed.
Material and Finish:
Cable Clamps—ABS black
4-40 Fillister Head Screws and
Hex Nuts—Steel, zinc plated
4-40 Mounting Screws—Steel, zinc
plated
Jackscrews—Stainless steel,
passivated
Related Product Data:
Ferrules—pages 143-145
Connectors used with:
HDE Metal-Shell—pages 114 & 115
HDP Metal-Shell—pages 90-102
Other accessory capabilities:
Spring Latch (Two-Piece)—
page 152
Technical Documents:
Instruction Sheet—408-6609
Note: All part numbers are RoHS compliant.


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com