Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 48 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 48 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 44Page - Tyco Electronics 5748526-1 Datasheet HTML 45Page - Tyco Electronics 5748526-1 Datasheet HTML 46Page - Tyco Electronics 5748526-1 Datasheet HTML 47Page - Tyco Electronics 5748526-1 Datasheet HTML 48Page - Tyco Electronics 5748526-1 Datasheet HTML 49Page - Tyco Electronics 5748526-1 Datasheet HTML 50Page - Tyco Electronics 5748526-1 Datasheet HTML 51Page - Tyco Electronics 5748526-1 Datasheet HTML 52Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
137
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Unshielded Cable Clamps (Continued)
Shell
Dimensions
Cable Dia. Max. (Ref.)
Cable Clamp Kit No.
Size
A
B
Straight Cable Exit
90° Cable Exit
Individual
Bulk Packed*
.755
.630
.160
.160
1
19.18
16.00
4.06
4.06
207467-1
207467-2
1.078
.630
.320
.320
2
27.38
16.00
8.13
8.13
207470-1
1.620
.770
.390
.390
3
41.15
19.56
9.91
9.91
207345-1
207345-2
2.268
.770
.640
.405
4
57.61
19.56
16.26
10.29
207473-1
207473-2
2.178
.880
.490
.490
5
55.32
22.35
12.45
12.45
207476-1
*Each part is individually bulk packed for multiple kit orders.
Notes: 1. All parts are packaged unassembled.
2. Cable diameter is adjustable by changing cable support gates. Use the flat side of cable support gates for
discrete wire, and the semicircle side for jacketed cable.
Notes: 3. Cable clamp assemblies are available in kits with male screw retainers, see below.
Shell
Cable Clamp Kit No.
Size
1
5207908-1
2
5207908-4
3
5207908-7
4
1-5207908-0
5
1-5207908-3
Notes: 1. All parts are packaged unassembled.
2. Each kit is comprised of a cable clamp and male screw retainer
hardware(2 each). Male screw retainers are also available in kit
form, see page 146.
3. For ordering cable clamps separately, see above.
Box and Lid Straight/90° Exit Cable Clamp Kits
with Male Screw Retainers
HDP Plug or Receptacle
(Shown for Ref. only)
Self-Tapping
Screw
Textured
Finish
Typical Cable Support
Gate (Supplied with
Cable Clamp Kit)
Cable Gates are inter-
changeable allowing
90° and 180° cable
exit. Blank gate shown
in 90° exit.
1.70
[43.18]
A Max.
B Max.
Retaining Clip
(See Note 2.)
Retaining Clip
(See Note 2.)
Male Screws mate
with Female
Screwlocks
(See page 144.)
Male Screws mate
with Female
Screwlocks
(See page 144.)
Male Screw
(See Note 2.)
Male Screw
(See Note 2.)
B Max.
A Max.
1.70
[43.18]
Cable Clamp
(See Note 3.)
HDP Plug or
Receptacle
(Shown for
Ref. only)
Textured
Finish
HDP Plug or
Receptacle
(Shown for
Ref. only)
Self-Tapping
Screw
Shell Size 1 & 2
Shell Size 3 & 4 & 5
Shell Size 1 & 2
Shell Size 3 & 4 & 5
Box and Lid
Straight/90° Exit
Box and Lid Cable Clamps
can be used on either plugs
or receptacles and will not
interfere with commonly
used hardware. Their
hinged construction allows
easy assembly to a
harness. A wide range
of cable diameters are
accommodated through
the use of cable support
gates, supplied with each
cable clamp.
Cable clamps are available
in kits with appropriate
hardware for convenient
plug/receptacle mating.
See below for kits with
Male Screw Retainers.
Material and Finish:
Cable Clamp Housing—
Thermoplastic, black with textured finish
Gates—Thermoplastic, black
Flat Head Screws—Steel, black, zinc
plated
Related Product Data:
Connectors used with:
HDP Metal-Shell—pages 90-102
Other accessory capabilities:
Male Screw Retainers—
pages 146 & 147
Female Screwlocks—page 148
Locking Posts and Slide Latches—
pages 149-151
Spring Latches (Two Piece)—
page 152
Latching Blocks—pages 153 & 154
Technical Documents:
Instruction Sheet—408-7555
Material and Finish:
Cable Clamp Housing—
Thermoplastic, black with textured finish
Gates—Thermoplastic, black
Flat Head Screws—Steel, black, zinc
plated
Male Screw—Steel, zinc plated yellow
chromate
Retaining Clip—Stainless steel
Related Product Data:
Connectors used with:
HDP Metal-Shell—pages 90-102
Technical Documents::
Instruction Sheets—
408-7555
408-7837
HDP Plug or Receptacle
(Shown for Ref. only)


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com