Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 46 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 46 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 42Page - Tyco Electronics 5748526-1 Datasheet HTML 43Page - Tyco Electronics 5748526-1 Datasheet HTML 44Page - Tyco Electronics 5748526-1 Datasheet HTML 45Page - Tyco Electronics 5748526-1 Datasheet HTML 46Page - Tyco Electronics 5748526-1 Datasheet HTML 47Page - Tyco Electronics 5748526-1 Datasheet HTML 48Page - Tyco Electronics 5748526-1 Datasheet HTML 49Page - Tyco Electronics 5748526-1 Datasheet HTML 50Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
135
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Unshielded Cable Clamps
Low Profile Cable Clamps
feature a two-piece
construction which allows
the two cover halves to be
snapped together, no
hardware is required for
assembly. They can be
used on plugs or
receptacles and will not
interfere with commonly
used mating hardware.
Sufficient Cable Support
Gates (or a Cable Support
Gate Latch) are supplied
with each cable clamp kit to
achieve adjustable
clamping over a wide range
of jacketed cable diameters.
Material
Black thermoplastic
Related Product Data:
Connectors used with:
HDE All-Plastic—pages 112 & 113
HDE Metal-Shell—pages 114 & 115
Other accessory capabilities:
Male Screw Retainers—
pages 146 & 147
Female Screwlocks—page 148
Locking Posts and Slide Latches—
pages 149-151
Latching Blocks—pages 153 & 154
Straight Exit Low Profile for Jacketed Cable
90° Exit Low Profile for Jacketed Cable
B
A
A
F Cover
.550
[13.97]
.732
[18.59]
.550
[13.97]
Cable Support Gate
(See Note 3.)
Cable
Support
Gate
M Cover
HDE Plug or
Receptacle (Ref.)
Cover
Cable Support
Gate Latch
HDE Plug
or Receptacle (Ref.)
Dimensions
B
Cable
Shell
When used
When used on
Dia.
Cable Clamp Kit No.
Size
A
On Plug
Receptacle
(Max.)
Individual
Bulk Packed*
1
.732
1.582
1.533
.330
745547-1
745547-2
18.59
40.18
38.94
8.38
2
1.056
1.582
1.533
.425
745553-1
745553-2
26.82
40.18
38.94
10.80
3
1.604
1.700
1.651
.550
745560-1
745560-2
40.74
43.18
41.94
13.97
*Each part is individually bulk packed for multiple kit orders.
Notes: 1. All parts are packaged unassembled.
2. Each kit is comprised of two cover halves (F and M) and an assortment of cable support gates.
3. Cable support gate must be used as shown for small diameter cable.
Shell
Dimension A
Cable Dia. (Max.)
Cable Clamp Kit No.
Size
When used on Plug
When used on Receptacle
Individual
1
1.290
1.241
.330
745550-1
32.77
31.52
8.38
Notes: 1. All parts are packaged unassembled.
2. Each kit is comprised of a cover half and an assortment of cable support gate latches.


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com