Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 45 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 45 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 41Page - Tyco Electronics 5748526-1 Datasheet HTML 42Page - Tyco Electronics 5748526-1 Datasheet HTML 43Page - Tyco Electronics 5748526-1 Datasheet HTML 44Page - Tyco Electronics 5748526-1 Datasheet HTML 45Page - Tyco Electronics 5748526-1 Datasheet HTML 46Page - Tyco Electronics 5748526-1 Datasheet HTML 47Page - Tyco Electronics 5748526-1 Datasheet HTML 48Page - Tyco Electronics 5748526-1 Datasheet HTML 49Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
134
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Unshielded Cable Connector and Clamp Kits
One-Piece, All-Plastic Cable Clamp for
Jacketed Cable, 180°/120° Exit and
HDP-20 and HDE-20 Connector
The AMPLIMITE Quik-Snap
Backshell and Connector
kit presents a complete
package for your unshielded
subminiature D connector
needs. Kits are available for
Shell Sizes 1, 2 and 3, and
are packaged 25 and 100
kits per unit.
Each kit contains:
1-Hinged Plastic Clamp
2-Retention Screws
2-Retention Clips
1-Cable Gate Plug
1-Strain Relief Clip
2-Self Tapping Screws
1-Connector and Contacts
Material and Finish:
Cover—Polypropylene, black
Retention Screws—Steel, zinc plated
Retention Clips—Stainless steel
Cable Gate Plug—Polypropylene,
Black
Strain Relief Clip—Stainless steel
Self Tapping Screws—Steel, zinc
plated
Contacts—Brass (HDP Pins),
Phosphor Bronze (All Others), plated
gold flash on the mating end, .000100
[0.00254] min. tin or tin on the
terminating end, all over .000030
[0.00076] min. nickel underplating
Housing—Polyester or nylon, glass-
filled, UL rated 94V-0, black
Shell—Steel, plated .000200 [0.00508]
min. tin over .000050 [0.00127] min.
copper
Technical Documents:
HDE Connectors:
Instruction Sheets—
408-6621
Application Specifications—
114-40002
114-40003
HDP Connectors:
Application Specifications—
114-10000
114-40030
Cable Clamps:
Instruction Sheet—408-9544
Retainer Clips:
Instruction Sheet—408-7837
Shell
Cable Dia.
Dimension
Plug Kit
Receptacle Kit
Size
Range (Ref.)
A
Part No.
Part No.
Packaging
.075-.250
.785
749808-8
100/pack
1
1.91-6.35
19.94
749812-7
.170-.380
1.110
749808-9
100/pack
2
4.32-9.65
28.19
.180-.460
1.650
749808-7
1-749812-1
100/pack
3
4.58-11.68
41.91
Unshielded Cable Clamp Kits with HDP-20 Connectors
Shell
Cable Dia.
Dimension
Plug Kit
Receptacle Kit
Size
Range (Ref.)
A
Part No.
Part No.
Packaging
.180-.460
1.650
3
4.58-11.68
41.91
749809-9
749813-8
100/pack
Unshielded Cable Clamp Kits with HDE-20 All-Plastic Connectors
.494±.015
[12.55±0.38]
A
2.079
[52.81]
Max.
.700±.015
[17.78±0.38]
Retainer Clip
Strain Relief Clip
Self Tapping Screw
Cable Gate Plug
Retainer Clip
Retainer Screw
Retainer Screw
Pin Contact
Pin Contact
Shell
Mating Face
Mating Face
Housing
Housing
Shell
HDE-20 Connector
HDP-20 Connector
Assembled Cable
Clamp and Connector
Cable Clamp Kit


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com