Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 44 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 44 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 40Page - Tyco Electronics 5748526-1 Datasheet HTML 41Page - Tyco Electronics 5748526-1 Datasheet HTML 42Page - Tyco Electronics 5748526-1 Datasheet HTML 43Page - Tyco Electronics 5748526-1 Datasheet HTML 44Page - Tyco Electronics 5748526-1 Datasheet HTML 45Page - Tyco Electronics 5748526-1 Datasheet HTML 46Page - Tyco Electronics 5748526-1 Datasheet HTML 47Page - Tyco Electronics 5748526-1 Datasheet HTML 48Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
133
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Unshielded Cable Clamps (Continued)
One-Piece, All-Plastic Cable Clamp
for Jacketed Cable, 180°/120° Exit
(HDP and HDE) (Quik-Snap)
Kit Number*
Kit Number***
Shell
Cable Dia.
Dimension
with Retainer
without Retainer
Size
Range (Ref.)
A
Screws and Clips
Screws and Clips
Packaging
.075-.250
.785
5749914-1
Bulk Pkg.
1
1.91-6.35
19.94
5749914-2
5750100-1
Unit Kit
5749914-4**
.180-.460
1.650
3
4.57-11.68
41.91
5749626-2
5750078-1
Unit Kit
.250-.550
2.285
5749916-2
Bulk Pkg.
4
6.35-13.97
58.04
5749916-2
Unit Kit
*For metal-shell connectors only.
**Type 2 Retainer Clip
***For Metal-Shell or All-Plastic Connectors
A
Cable
Gate
Self Tapping
Screw
Retainer
Screw
Retainer
Clip
Strain Relief
Clip
Cable
Exit
Cable
Clamp
.700±.010
[17.78±0.25]
1.928
[48.97]
Typ.
.490
[12.45]
.210
[5.33]
Assembled Cable Clamp
The TE Quik-Snap Backshell
Kit is a one-piece, all-plastic
cable clamp kit designed
for use with either the
AMPLIMITE HDP-20,
HDP-22, or HDE, all-plastic
or metal-shell connectors.
Kits are available for
connector sizes 1, 2, 3,
and 4 with a cable exit
option of 180° or 120°.
Each kit contains:
I
1-Hinged, plastic clamp
I
2-Self-tapping screws
I
1-Strain relief clip
I
1-Cable exit gate plug (Used to close
unused exit)
(For metal-shell connector applications
an optional kit with 2 retainer clips and
screws is available.)
Material and Finish:
Cover—Polypropylene, black
Strain Relief Clip—Stainless steel
Retainer Clip—Stainless steel
Screws—Carbon steel, zinc plated
Cable Gate—Polypropylene, Black
Related Product Data:
Connectors used with:
HDP Metal-Shell—pages 90-102
HDE All-Plastic—pages 112 & 113
HDE Metal-Shell—pages 114 & 115
Technical Documents:
Instruction Sheet—408-7837
Type 1
Type 2


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com