Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 43 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 43 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 39Page - Tyco Electronics 5748526-1 Datasheet HTML 40Page - Tyco Electronics 5748526-1 Datasheet HTML 41Page - Tyco Electronics 5748526-1 Datasheet HTML 42Page - Tyco Electronics 5748526-1 Datasheet HTML 43Page - Tyco Electronics 5748526-1 Datasheet HTML 44Page - Tyco Electronics 5748526-1 Datasheet HTML 45Page - Tyco Electronics 5748526-1 Datasheet HTML 46Page - Tyco Electronics 5748526-1 Datasheet HTML 47Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Note: All part numbers are RoHS compliant.
AMPLIMITE Subminiature D Connectors
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
132
Unshielded Cable Clamps
Material and Finish:
Cable Clamp Housing—
Thermoplastic, black
Cable Clamp Wedge Set—
Thermoplastic, black
4-40 Mounting Screws—
Steel, zinc plated
Related Product Data:
Connectors used with:
HDE Metal-Shell—pages 114 & 115
HDP Metal-Shell—pages 90-102
Other accessory capabilities:
Spring Latches (Two Piece)—
page 152
Technical Documents:
Instruction Sheet—408-9238
2.105
[53.47]
2.090
[53.09]
.744
[18.90]
HDE or HDP
Plug or receptacle
(Shown for Ref. only)
Female Screwlock
(Order separately,
see page 144.)
4-40
Mounting
Screw
Dimensions
Cable
Cable Clamp Kit No.
Shell
Dia.
Size
AB
(Max.)
Individual
2
1.550
.826
.350
5206471-1
39.37
20.98
8.89
.335
5206472-1
2.090
.826
8.51
3
53.09
20.98
.460
5745134-1
11.68
4
2.738
.826
.675
5745081-1
69.55
20.98
17.15
5
2.644
.938
.775
5745082-1
67.16
23.83
19.69
Notes: 1. All parts are packaged unassembled.
2. Straight or 90° cable exit is achieved by inserting AMP-TY Cable
Ties through cable tie openings and clamping the cable to one
housing half only.
For Shell Size 3
Cable Dia. Range—.190-.530 [4.83-13.46]
Individual Kit No.—747824-1
Notes: 1. All parts are packaged unassembled.
2. Each kit is comprised of two cable
clamp halves, two cable clamp wedge
sets and two mounting crews.
Universal Cable Clamps for Jacketed Cable
A
B
HDE or HDP
Plug or receptacle
(Shown for Ref. only)
Cable Tie
Openings
Female Screwlock
(Order separately,
see page 144.)
4-40
Mounting
Screw
1.750
[44.45]
Material and Finish:
Cable Clamp Housing—
Thermoplastic, gray
4-40 Mounting Screws—
Steel, zinc plated
4-40 Housing Screws & Hex Nuts
—Steel, zinc plated
Related Product Data:
Connectors used with:
HDE All-Plastic—pages 112 & 113
HDE Metal-Shell—pages 114 & 115
HDP Metal-Shell—pages 90-102
Other accessory capabilities:
Spring Latches (Two Piece)—
page 152
Technical Documents:
Instruction Sheet—408-7555
Straight/90° Exit


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com