Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 41 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 41 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 37Page - Tyco Electronics 5748526-1 Datasheet HTML 38Page - Tyco Electronics 5748526-1 Datasheet HTML 39Page - Tyco Electronics 5748526-1 Datasheet HTML 40Page - Tyco Electronics 5748526-1 Datasheet HTML 41Page - Tyco Electronics 5748526-1 Datasheet HTML 42Page - Tyco Electronics 5748526-1 Datasheet HTML 43Page - Tyco Electronics 5748526-1 Datasheet HTML 44Page - Tyco Electronics 5748526-1 Datasheet HTML 45Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
130
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HD-20 Solder Cup Shielding Hardware Enclosure Kits
Each kit contains
I
Connector with preloaded,
nonremovable contacts
I
Shield
I
Enclosure
I
Two jackscrews
Material and Finish:
Connector Shell—Steel, tin plated
Connector Insert—94V-0 rated
thermoplastic, black
Shields—Steel, tin plated
Enclosure—PVC, black
Jackscrews—Brass, zinc coated
Contacts—Phosphor bronze; duplex
plated with gold flash on mating end, tin
on solder cup, with entire contact nickel
underplated
Related Product Data:
Mateable Connectors:
HDE—pages 110-119
HDF—pages 124-126
HDP—pages 90-101
HD-20 Solder Cup—pages 128-130
HD-20 Board Mount—pages 82-85,
87-89
Technical Documents:
Product Specification
108-40031
Instruction Sheets
408-9193
Plug and Receptacles
HD-20 Solder Cup Shielding Hardware Crimping Tool
Kit
Shielding Enclosure
Shell
No. of
Dimensions
Cable
Part Numbers
Expansion Tool
Size
Contact
CD
E
Insulation
Cable
Part
Positions
Diameter
Plug
Receptacle
O.D. (Max.)
Number
.217-.270
1571650-4
1571654-4
5.51-6.86
19
1.64
1.33
.659
.270-.324
1571650-5
1571654-5
.355
58241-4
41.67
33.74
16.74
6.86-8.23
1571650-6
1571654-6
9.02
.324-.385
1571650-6
1571654-6
8.23-9.78
.217-.270
1571651-4
1571655-4
5.51-6.86
2
15
1.64
1.65
.659
.270-.324
1571651-5
1571655-5
.355
58241-4
41.67
41.86
16.74
6.86-8.23
1571651-6
1571655-6
9.02
.324-.385
1571651-6
1571655-6
8.23-9.78
.217-.270
1571652-4
1571656-4
5.51-6.86
3
25
1.64
2.20
.659
.270-.324
1571652-5
1571656-5
.465
58241-1
41.67
55.86
16.74
6.86-8.23
1571652-6
1571656-6
11.56
.324-.385
1571652-6
1571656-6
8.23-9.78
4
37
2.35
2.82
.659
.455-.480
1571653-2
1571657-2
.562
58241-2
59.67
71.63
16.74
11.58-12.19
14.28
Note: Components of the kits are shipped unassembled and bulk-packaged in quantities of 100 pieces.
Connector
Cable
Cable
Enclosure
Jackscrew
Shield
Recommended
Crimp Area
.886
[22.50]
C
D
E
1571749-1
.165
[4.19]
2.000
[50.80]
.215
[5.46]
.243
[6.25]
4.000 ± .020
[101.60 ± 0.51]
1.00 ± .020
[25.40 ± 0.51]
1.00 ± .020
[25.40 ± 0.51]
Assembled Tooling: Part Number 1571750-1
Individual Tools (for customer fabrication):
1571749-1 & 1571749-2


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com