Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 37 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 37 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 33Page - Tyco Electronics 5748526-1 Datasheet HTML 34Page - Tyco Electronics 5748526-1 Datasheet HTML 35Page - Tyco Electronics 5748526-1 Datasheet HTML 36Page - Tyco Electronics 5748526-1 Datasheet HTML 37Page - Tyco Electronics 5748526-1 Datasheet HTML 38Page - Tyco Electronics 5748526-1 Datasheet HTML 39Page - Tyco Electronics 5748526-1 Datasheet HTML 40Page - Tyco Electronics 5748526-1 Datasheet HTML 41Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
126
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HDF-20 Plugs/Receptacles Mating and Panel Mounting Specifications
Plug/Receptacle Mating
The .265/.256 [6.73/6.50]
dimensions are required
to assure full mating of
connector halves. These
dimensions must be taken
into consideration when
determining the method of
mounting, panel thickness,
etc.
Panel Mounting
Plugs and receptacles can
be mounted to a panel from
either the front or rear, using
a variety of accessory
hardware. Typical examples
are shown below.
Typical Front-Panel Mounted
HDF-20 Plug
Typical Rear-Panel Mounted
HDF-20 Plug
Panel Cutouts
Cutout for Rear Mount
and Short Latching Blocks
C
D
E
H*
J*
A
F
B
Receptacle
Plug
K Radius
(4 Places)
10° ± 2°
(2 Places)
.120± .002
[3.05± 0.05 ]
(2 Places)
.040
[1.02] Dia. (Typ.)
(2 Holes)
.129± .002
[3.28± 0.05]
.265±.015
[6.73±0.38]
Shell Sizes 1 & 2
.256±.015
[6.50±0.38]
Shell Sizes 3, 4 & 5
A
C
L
Shell
Mounting
Size
Method
Dimensions
(Pos.)
Front/Rear
A
BCD
E
F
*H*
*J*
K
Panel
.984
.492
.874
.437
.513
.257
.083
1
Front
24.99
12.50
22.20
11.10
13.03
6.53
——
2.11
(9)
.984
.492
.806
.403
.449
.225
.550
.750
.132
Rear
24.99
12.50
20.47
10.24
11.41
5.72
13.97
19.05
3.35
1.312
.656
1.202
.601
.513
.257
.083
2
Front
33.33
16.66
30.53
15.27
13.03
6.53
——
2.11
(15)
1.312
.656
1.134
.567
.449
.225
.730
.750
.132
Rear
33.33
16.66
28.80
14.40
11.41
5.72
18.54
19.05
3.35
1.852
.926
1.743
.872
.513
.257
.083
3
Front
47.04
23.52
44.27
22.15
13.03
6.53
——
2.11
(25)
1.852
.926
1.674
.842
.449
.225
1.275
.750
.132
Rear
47.04
23.52
42.52
21.39
11.41
5.72
32.39
19.05
3.35
2.500
1.250
2.391
1.196
.513
.257
.083
4
Front
63.50
31.75
60.73
30.38
13.03
6.53
——
2.11
(37)
2.500
1.250
2.326
1.163
.449
.225
1.920
.750
.132
Rear
63.50
31.75
59.08
29.54
11.41
5.72
46.05
16.13
3.35
2.406
1.203
2.297
1.149
.623
.312
.083
5
Front
61.11
30.56
58.34
29.19
15.82
7.93
——
2.11
(50)
2.406
1.203
2.218
1.109
.555
.278
1.753
.750
.132
Rear
61.11
30.56
56.34
28.17
14.10
7.06
44.52
19.05
3.35
*Panel cutout configuration with H and J dimensions provides clearance for mounting connectors with cable clamps.


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com