Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 35 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 35 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 31Page - Tyco Electronics 5748526-1 Datasheet HTML 32Page - Tyco Electronics 5748526-1 Datasheet HTML 33Page - Tyco Electronics 5748526-1 Datasheet HTML 34Page - Tyco Electronics 5748526-1 Datasheet HTML 35Page - Tyco Electronics 5748526-1 Datasheet HTML 36Page - Tyco Electronics 5748526-1 Datasheet HTML 37Page - Tyco Electronics 5748526-1 Datasheet HTML 38Page - Tyco Electronics 5748526-1 Datasheet HTML 39Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
124
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Subminiature D Connectors HDF-20 for Flat Ribbon Cable
Related Product Data
Contact Arrangement—page 40
Performance Characteristics—
page 41
Mateable Receptacles:
HDF-20 Metal-Shell—page 124
HDE—pages 110-121 (Sizes 1–4 only)
HDP—pages 90-109
HD-20 Board Mount—pages 54-71,
78-85, 87-89
Mating/Panel Mounting—page 126
Ribbon Cable—page 125
Accessories:
Commoning Strip—page 146
Mating Hardware—pages 146-150,
153 & 154
Application Tooling—page 127
Technical Documents
Product Specification—108-40012
Product Facts
I
Available in all 5 standard
shell sizes
I
Visual inspection of
termination possible
I
Fluted cover provides
positive alignment of cable
prior to termination
I
Wide range of application
tooling
I
Patented insulation
displacement contact
latches into the connector
cover
I
Contact design provides a
“gas-tight” termination
I
Contacts accept 28 AWG
[0.08mm2] solid and
stranded, and 26 AWG
[0.15mm2] solid and
stranded round conductor
flat ribbon cable on
.050 [1.27] centers
I
Qualified to Battelle Level
III environment
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association,
File No. LR 7189
I
Listed and complies with
UL 1863, Communication
Circuit Accessories
File No. E81956
R
R
R
Plug — Low Profile Metal
Shell
Receptacle — Low Profile
Metal Shell
Plug Part Nos.
Receptacle Part Nos.
No. of
Cable
With
With
Pos. &
Stabilizer
Standard
With 4-40
Standard
With 4-40
(Shell Size)
Part No.
Mounting
Threaded
Mounting
Threaded
Holes
Inserts
Holes
Inserts
9 (1)
747275-4
1658613-4
1658608-4
1658612-4
1658610-4
15 (2)
747275-3
1658613-3
1658608-3
1658612-3
1658610-3
25 (3)
747275-2
1658613-2
1658608-2
1658612-2
1658610-2
37 (4)
747275-1
1658613-1
1658608-1
1658612-1
1658610-1
50 (5)
746785-1
1658607-1
1658606-1
Note: All assemblies are supplied with housing and cover pre-assembled. Optional cable stabilizer must be ordered
separately.
Material
Front Shell—Steel, tin or tin plated
Housing, Cover & Cable Stabilizer—
Thermoplastic, 94V-0, black
Threaded Inserts—Brass, unplated
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end, .000100-.000200 [0.00254-
0.00508] bright tin on termination end
with entire contact underplated .000050
[0.00127] min. nickel


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com