Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 34 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 34 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 30Page - Tyco Electronics 5748526-1 Datasheet HTML 31Page - Tyco Electronics 5748526-1 Datasheet HTML 32Page - Tyco Electronics 5748526-1 Datasheet HTML 33Page - Tyco Electronics 5748526-1 Datasheet HTML 34Page - Tyco Electronics 5748526-1 Datasheet HTML 35Page - Tyco Electronics 5748526-1 Datasheet HTML 36Page - Tyco Electronics 5748526-1 Datasheet HTML 37Page - Tyco Electronics 5748526-1 Datasheet HTML 38Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
123
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDE-20 Application Tooling (Continued)
CHAMPOMATOR 3A
Terminating Machine
This machine is the
high-productivity way to
terminate multiconductor,
jacketed cable with a variety
of TE connectors having
insulation displacement
contacts. It automatically sorts
the wires, and terminates
them in a programmed
sequence. The sequence
may use all or some of the
connector contacts, such
as for various RS-232 wiring
patterns.
All cable assemblies are tested
for continuity and shorts.
The machine is micro-
processor controlled, and
programmed by a touch input
screen. The easy programming
simplifies the process and
reduces training requirements.
The machine’s internal storage
capability can retain up to 50
cable assemblies, which can
be easily retrieved by number
or name. Production monitoring
and diagnostics can also be
accessed through the touch
screen.
Contact TE for the tooling
required for your specific
applications.
CHAMPOMATOR 2.5
Terminating Machine
This is a compact, semi-
automatic bench machine. It
is microprocessor controlled,
and programmed using a
membrane switch keyboard.
The potential machine rate is
one pair of wires per second.
Contact TE for the tooling
required for your specific
applications.
The CHAMPOMATOR Model
2.5 Bench Terminating
Machine—Part No. 354786-4
is used in conjunction with
Control Module—Part No.
852423-1.
Contact TE for application
specific requirements.
Manual Arbor Tool
The arbor tool with applicator
is used to terminate jacketed
cable. Wires are neatly routed
and trimmed to length with
the cable jacket close to the
connector. 400 to 800 termi-
nated wires per hour are
typical.
Manual
Arbor Tool
Arbor Tool No. 91085-2
Applicators:
Wire O.D. .041-.060 [1.04-1.52]—No. 543157-1 (tool mount),
543426-1 (termination tool)
Wire O.D. .040 [1.02] and smaller—No. 543157-1 (tool mount),
543426-2 (termination tool)
Control Module
No. 852423-1
CHAMPOMATOR
2.5 Machine
No. 354786-4
Product Facts
I
Low applied costs
I
Automatic termination
of jacketed cable
I
Automatic continuity check
and shorts test
I
Single- or double-ended
assemblies
I
Microprocessor controlled
with touch input screen
I
Stored program capability
I
Selective termination of
connector positions
I
Rapid tooling changeover
for different connector types
I
Handles a variety of TE
insulation-displacement
connectors
I
Terminates both multicolor
and single-color wires
I
Remote programming capa-
bility
I
Straight or right-angle wire
dress
I
Control Module
852423-1 120 VAC
Technical Documents:
Instruction Sheets
408-7777 Manual Arbor Tool
Note: Instruction Sheets for TE Tooling
are packaged with the tooling. For
additional information call the Tooling
Assistance Center: 1-800-722-1111.


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com