Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 29 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 29 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 25Page - Tyco Electronics 5748526-1 Datasheet HTML 26Page - Tyco Electronics 5748526-1 Datasheet HTML 27Page - Tyco Electronics 5748526-1 Datasheet HTML 28Page - Tyco Electronics 5748526-1 Datasheet HTML 29Page - Tyco Electronics 5748526-1 Datasheet HTML 30Page - Tyco Electronics 5748526-1 Datasheet HTML 31Page - Tyco Electronics 5748526-1 Datasheet HTML 32Page - Tyco Electronics 5748526-1 Datasheet HTML 33Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
118
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDE-20 Shielding Hardware Enclosure Kits
Plug
Each kit contains:
I
Connector
I
Inner shield
I
Outer shield
I
Enclosure
I
Two jackscrews
Ferrules must be purchased separately.
Material and Finish:
Connector Shell—Steel, tin plated
Connector Insert—94V-0 rated
thermoplastic, black
Shield—Steel, tin plated
Enclosure—PVC, black
Jackscrews—Zinc alloy
Contacts—Phosphor bronze
Contact Finish—Duplex plated:
A—.000030 [0.00076] gold on mating
end, tin on termination end, with entire
contact nickel underplated
B—Gold flash on mating end, tin on
termination end, with entire contact
nickel underplated
Related Product Data:
Contact Arrangements—page 40
Performance Characteristics—
page 41
Application Tooling—pages 121-123
Mateable Connectors:
HDP—pages 90-97
HD-20 Board Mount—pages 54-71,
78-85, 87-89
Mating Hardware—pages 146-150,
153, 155
Mating/Panel Mounting—page 42
D
E
C
Mating End
Ferrule (Must
be Purchased
Separately as
Required by
Cable Dia.)
Expanding Neck
Accommodates Cable
1.640
[41.66]
Max.
Cable
Ref.
.630
[16.00]
Max.
Kit Part Numbers
Shielding
Recommended
Max.
Contact
Contact
Contact
Contact
Enclosure
Shell
No. of
Dimensions
Cable
Inner
Finish
I.D. No. 1
I.D. No. 2
I.D. No. 3
Expansion
Size
Contact
Outer
Cable
(Plating
for 30-26 AWG for 26-22 AWG for 22-20 AWG
Tool
Pos.
CD
E
Dia.
Bundle
Code)
[0.05-0.15mm2]
[0.15-0.4mm2]
[0.4-0.6mm2]
Cable
Part
Range
Dia.†
Plug
Plug
Plug
O.D. (Max.)
No.
1.640
1.355
.630
.190-.330
.330
A—
1-747944-5
19
41.66
34.42
16.00
4.83-8.38
8.38
B—
1-747944-6
.330
58241-4
1.640
1.685
.630
.190-.330
.330
A—
1-747946-5
8.38
2
15
41.66
42.80
16.00
4.83-8.38
8.38
B—
1-747946-6
1.640
2.210
.630
.217-.435
.350
A
1-747948-5
1-747948-6
.450
58241-1
3
25
41.66
56.13
16.00
5.51-11.05
8.89
B—
1-747948-8
1-747948-9
11.43
2.010
2.865
.730
.338-.562
.450
A
1-747950-4
1-747950-5
.572
58241-2
4
37
51.05
72.77
18.54
8.59-14.28
11.43
B—
1-747950-6
14.52
†Maximum cable diameter after jacket and braid removed.
Technical Documents:
Product Specifications—
108-40011
108-40030
Application Specifications—
114-40002
114-40003
114-40006
114-40008
Instruction Sheet—408-9172
Note: Instruction Sheets for TE Tooling
are packaged with the tooling. For
additional information call the Tooling
Assistance Center: 1-800-722-1111.


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com