Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 28 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 28 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 24Page - Tyco Electronics 5748526-1 Datasheet HTML 25Page - Tyco Electronics 5748526-1 Datasheet HTML 26Page - Tyco Electronics 5748526-1 Datasheet HTML 27Page - Tyco Electronics 5748526-1 Datasheet HTML 28Page - Tyco Electronics 5748526-1 Datasheet HTML 29Page - Tyco Electronics 5748526-1 Datasheet HTML 30Page - Tyco Electronics 5748526-1 Datasheet HTML 31Page - Tyco Electronics 5748526-1 Datasheet HTML 32Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
117
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDE-20 Basic Shielding Hardware Kits (Continued)
Each kit contains:
I
Connector
I
Inner shield
I
Outer shield
Ferrules must be purchased separately.
Material and Finish:
Connector Shell—Steel, tin plated
Connector Insert—94V-0 rated
thermoplastic, black
Shield—Steel, tin plated
Contacts—Phosphor bronze
Contact Finish—Duplex plated:
A—.000030 [0.00076] gold on mating
end, tin on termination end, with entire
contact nickel underplated
B—Gold flash on mating end, tin on
termination end, with entire contact
nickel underplated
Related Product Data:
Contact Arrangements—page 40
Performance Characteristics—
page 41
Application Tooling—pages 121-123
Mateable Connectors:
HDP—pages 90-97
HD-20 Board Mount—pages 54-71,
78-85, 87-89
Mating Hardware—pages 146-150,
153, 155
Mating/Panel Mounting—page 42
Receptacle
.243
[6.17]
Typ.
Rcpt. Connector
Ferrule (Must
be Purchased
Separately)
Outside
Shield
Inside
Shield
View of Rear Shell
(With Shields Removed)
.086
[2.18]
Max.Typ.
.509
[12.93]
Max.
.112
[2.84]
Typ.
.109
[2.77] Typ.
C
D
.490
[12.45]
Max.
.395
[10.03]
Dia.
.377
[9.58]
.120
[3.05]
2 Holes
Dia.
Technical Documents:
Product Specifications—
108-40011
108-40030
Application Specifications—
114-40002
114-40003
114-40006
Instruction Sheet—408-9010
Note: Instruction Sheets for TE Tooling
are packaged with the tooling. For
additional information call the Tooling
Assistance Center: 1-800-722-1111.
Connector Part Numbers
Recommended
Max.
Contact
Contact
Contact
No. of
Cable
Inner
Contact
I.D. No. 1
I.D. No. 2
I.D. No. 3
Shell
Contact
Dimensions
Outer
Cable
Finish
for 30-26 AWG
for 26-22 AWG
for 22-20 AWG
Size
Pos.
CD
Dia.
Bundle
(Plating
[0.05-0.15mm2]
[0.15-0.4mm2]
[0.4-0.6mm2]
Range
Dia.†
Code)
Wire
Wire
Wire
Receptacle
Receptacle
Receptacle
1.520
.678
.165-.455
.350
A—
747516-7
747516-8
19
38.61
17.22
4.19-11.56
8.89
B—
747516-9
1.520
1.002
.165-.455
.350
A—
747532-7
2
15
38.61
25.45
4.19-11.56
8.89
B—
747532-8
1.520
1.550
.165-.455
.350
A—
747548-8
3
25
38.61
39.37
4.19-11.56
8.89
B—
747548-9
1.867
2.205
.338-.562
.450
4
37
47.42
56.01
8.59-14.28
11.43
B
747564-8
747564-9
Note: Components of the kits are shipped unassembled and bulk-packaged in quantities of 100 pieces.
†Maximum cable diameter after jacket and braid removed.


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com