Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 19Page - Tyco Electronics 5748526-1 Datasheet HTML 20Page - Tyco Electronics 5748526-1 Datasheet HTML 21Page - Tyco Electronics 5748526-1 Datasheet HTML 22Page - Tyco Electronics 5748526-1 Datasheet HTML 23Page - Tyco Electronics 5748526-1 Datasheet HTML 24Page - Tyco Electronics 5748526-1 Datasheet HTML 25Page - Tyco Electronics 5748526-1 Datasheet HTML 26Page - Tyco Electronics 5748526-1 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
112
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDE-20 All-Plastic IDC Connectors
Notes: 1. All connectors are preloaded with insulation displacement contacts. Pins in plug connectors and sockets in
receptacle connectors. Contacts accept a max. wire insulation thickness of .015 [0.38] and a max. wire
insulation dia. of .060 [1.52].
Notes: 2. HDE connectors are designed for terminating solid or stranded (7-strand max.) wire.
3. Individual conductor strands should be larger than .005 inch [0.127] diameter.
4. Extraction Tool Part No. 91232-1 (Instruction Sheet 408-6631) is used to remove pin or socket contacts.
5. For terminating more than one wire, or a drain wire, use crimp contacts on page 121.
Connector Part Numbers
Contact
Contact
Contact
No. of
Identification
Identification
Shell
Contact
Dimensions
Finish
No. 1
No. 2
Size
Positions
AB
(Plating
for 30-26 AWG
for 26-22 AWG
Code)
[0.05-0.15mm2] Wire
[0.15-0.4mm2] Wire
Plug
Plug
1.213
.984
A—
745203-2
19
30.81
24.99
B—
1-745203-1
1.541
1.312
A—
745207-7
2
15
39.14
33.33
B—
2.090
1.852
A
745211-9
745211-7
3
25
53.09
47.04
B—
745211-8
2.732
2.500
A—
745215-7
4
37
69.39
63.50
B—
Material and Finish:
Housing—94V-0 rated thermoplastic,
black
Contacts—Phosphor bronze
Contact Finish—Duplex plated:
A—.000030 [0.00076] gold on mating
end, tin on termination end, with entire
contact nickel underplated
B—Gold flash on mating end, tin on
termination end, with entire contact
nickel underplated
Related Product Data:
Contact Arrangements—page 40
Performance Characteristics—
page 41
Interchangeable Crimp Snap-In
Contacts—page 121
Application Tooling—pages 121-123
Mateable Connectors:
HDP—pages 90-97
HD-20 Board Mount—pages 54-71,
78-85, 87-89
Mating/Panel Mounting—page 42
Cable Clamps—pages 132, 133, 135-
137, 139, 140, 144, 145
Mating Hardware—pages 146-150,
153, 155
Technical Documents:
Product Specification—108-40011
Application Specifications—
114-40002
114-40003
Instruction Sheet—408-6621
Note: Instruction Sheets for TE Tooling
are packaged with the tooling. For
additional information call the Tooling
Assistance Center: 1-800-722-1111.
Plug
Molded Cavity
Indentification &
AMP Trademark
.120
[3.05]
2 Holes
.109
[2.77]
Ref.
B
A
.112
[2.85]
Typ.
.509
[12.93]
.860
[21.84]
.230
[5.84]
.080
[2.03]
Max.
Dia.
Ref.
Plug


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com