Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 22 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 22 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 18Page - Tyco Electronics 5748526-1 Datasheet HTML 19Page - Tyco Electronics 5748526-1 Datasheet HTML 20Page - Tyco Electronics 5748526-1 Datasheet HTML 21Page - Tyco Electronics 5748526-1 Datasheet HTML 22Page - Tyco Electronics 5748526-1 Datasheet HTML 23Page - Tyco Electronics 5748526-1 Datasheet HTML 24Page - Tyco Electronics 5748526-1 Datasheet HTML 25Page - Tyco Electronics 5748526-1 Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
111
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HDE-20 IDC Connectors for Discrete Wire and Jacketed Cable (Continued)
Unshielded
Cable Clamps
One-Piece, All-
Plastic Cable
Clamp, 180°/120°
Exit (Quik-Snap)
(pg. 133)
Unshielded
Cable Clamps
Straight/90° Exit
(pg. 132)
Slide-On Back
Cover (pg. 136)
Product Facts
I
Insulation displacement
contacts preloaded in hous-
ings
I
No wire stripping
I
Post plated contacts with no
bare edges
I
Duplex plated contacts—
gold on mating end and tin
on crimp end
I
Patented contact ensures
reliable termination of a
wide range of wire sizes
and insulation diameters
I
Removable contacts for
replacement and repair
I
Selective loading of con-
tacts available
I
Crimp snap-in contacts
available for making
jumpers between circuits
I
Recognized under the
Component Program
of Underwriters
Laboratories Inc.,
File No. E28476
I
Listed under
Underwriters Laboratories
Inc., Standard 1863,
Communication
Circuit Accessories,
File No. E81956
I
Certified by
Canadian Standards
Association, File
No. 1088108
(LR 7189-207)
Section Contents
All-Plastic Plug and Receptacle Connectors . . . . . . . 112, 113
Metal-Shell Plug and Receptacle Connectors . . . . . . 114, 115
Basic Shielding Hardware Kits . . . . . . . . . . . . . . . . . . . . . 116, 117
Shielding Hardware Enclosure Kits . . . . . . . . . . . . . . . . . 118, 119
Ferrules for Shielding Hardware Kits . . . . . . . . . . . . . . . . . . . . 120
Interchangeable Contacts, Crimp Snap-In . . . . . . . . . . . . . . 121
Application Tooling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122, 123
Typical Application Rates
Tool
Rate
Pistol Style
7.4 Sec./Line
Arbor Tool
5.0 Sec./Line
CHAMPOMATOR Machine
2.8 Sec./Line
Note: Rates are based on total time to complete a double ended 25 position
Jacketed Cable Assembly
R
R
±
±
±
±
Shielded Cable
Clamps and
Shielding Hardware
and Enclosure Kits
Straight Exit
RFI/EMI Shields
for Jacketed
Cable (pg. 142)
90° Exit Die Cast
RFI/EMI Shields
for Jacketed Cable
(pg. 142)
Basic Shielding
Hardware Kits
(pgs. 116, 117)
Shielding
Hardware
Enclosure Kits
(pgs. 118, 119)
Mounting and
Mating Hardware
Male Screw
Retainers
(pgs. 146, 147)
Female
Screwlocks
(pg. 148)
Locking Posts
and Slide
Latches
(pgs. 149, 151)
Spring Latches,
(pg. 152)
Latching Blocks,
(pgs. 153, 154)
Keying Plug
(pg. 155)
R


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com