Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 16Page - Tyco Electronics 5748526-1 Datasheet HTML 17Page - Tyco Electronics 5748526-1 Datasheet HTML 18Page - Tyco Electronics 5748526-1 Datasheet HTML 19Page - Tyco Electronics 5748526-1 Datasheet HTML 20Page - Tyco Electronics 5748526-1 Datasheet HTML 21Page - Tyco Electronics 5748526-1 Datasheet HTML 22Page - Tyco Electronics 5748526-1 Datasheet HTML 23Page - Tyco Electronics 5748526-1 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
109
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDP-22 Crimp Snap-In Contact Connectors (Continued)
Application Tooling
Material
Pin—Brass
Socket—Phosphor bronze
Finish
A—Duplex plated .000030 [0.00076]
gold on mating end, tin on crimp barrel,
with entire contact nickel underplated
B—Duplex plated gold flash on mating
end, tin on crimp barrel, entire contact
nickel underplated
Related Product Data:
Performance Characteristics—
page 41
Connectors used with—pages 105-
107
Technical Documents:
Application Specification—
114-10001
Product Specification—108-1268
Instruction Sheet—408-9381
Note: Instruction Sheets for TE Tooling
are packaged with the tooling. For
additional information call the Tooling
Assistance Center: 1-800-722-1111.
Precision Formed
Crimp Snap-In Contacts,
Size 22 DF
Pin
Socket
Insertion/Extraction
Tool No. 91285-1 (Instruction Sheet—408-9404)
This tool contains interchangeable tips to Insert/Extract
Size 22, 28-22 AWG [0.08-0.4 mm2] Crimp Contacts
Size 20, 28-20 AWG [0.08-0.4 mm2] Crimp Contacts
Size 20, Posted Contacts
AMP-O-LECTRIC
MODEL “G”
Terminating Machine
A totally new design of our most
popular machine for bench-top
operation. It features a quiet and
highly-reliable direct motor drive,
electronic controls for ease of
setup and operation, and
improved guarding and lighting
for operator convenience and
safety. All versions also include
either manual or automatic
precision adjustment for crimp
height. Power requirement is
120 or 220 VAC, 50 or 60 Hz.
For further information, request
Catalog 65828.
AMP-O-MATIC
Model II
Stripper-Crimper Machine
This machine automatically
strips as well as terminates
individual wires. Similar to the
AMP-O-LECTRIC Model “G”
machine, applicators are quickly
interchangeable, and it includes
precision adjustment for crimp
height. All adjustments can be
made from the front of the
machine without special tools.
Power requirement is 120 VAC.
Air requirement is 80-100 psi
[5.52-6.89 bar], 3.5 scfm
[0.00165 m3/s].
For further information request
Catalog 65004.
Applicators
To accommodate the broad
range of wire termination
products that TE produces,
most TE terminating machines
are designed for use with
interchangeable applicators.
The basic styles are quickly
interchangeable to minimize
costly down times, and feature
dial-in wire and insulation
crimp-height settings. Special
applicators are now available
for use with the AMP Crimp
Quality Monitor, for measuring
the crimp height of each
termination as it is made, plus
evaluating the quality of each
crimp.
For further information, request
Catalog 65404.
For applicator part numbers,
call the TE Tooling Assistance
Center at 1-800-722-1111.
PRO-CRIMPER II
Hand Tool
Part No. 90800-1
Features interchangeable die
sets and ratchet control that
provides full die closure to help
eliminate partial crimps. The
new design is more durable,
and requires dramatically less
hand force.
For further information, request
Catalog 82276.
Wire
Contact
Contact Part Numbers
Hand Tools
Size
Insulation
Finish
Pin
Socket
for Loose Form Contacts
AWG
Diameter
(Plating
Strip
Loose
Strip
Loose
PRO-CRIMPER II
CERTI-CRIMP II
mm2
Max.
Code)
Form
Form
Form
Form
Hand Tool
Hand Tool
28-22
.040
A
1658670-1 1658670-2 1658686-1 1658686-2
0.4-0.08
1.02
B
1658670-3 1658670-4 1658686-3 1658686-4
90800-1
91520-1
Notes: 1. Strip form contacts shipped 20,000 pieces/reel.


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com