Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 18 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 18 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 14Page - Tyco Electronics 5748526-1 Datasheet HTML 15Page - Tyco Electronics 5748526-1 Datasheet HTML 16Page - Tyco Electronics 5748526-1 Datasheet HTML 17Page - Tyco Electronics 5748526-1 Datasheet HTML 18Page - Tyco Electronics 5748526-1 Datasheet HTML 19Page - Tyco Electronics 5748526-1 Datasheet HTML 20Page - Tyco Electronics 5748526-1 Datasheet HTML 21Page - Tyco Electronics 5748526-1 Datasheet HTML 22Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
107
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDP-22 Crimp Snap-In Contact Connectors (Continued)
1658688-1
1658689-1
5748641-1
5748642-1
1658678-1
1658679-1
1658680-1
5748476-1
5748477-1
.190-.330
4.83-8.38
.190-.330
4.83-8.38
.217-.435
5.51-11.05
.338-.562
8.59-14.28
.338-.490
8.59-12.45
.630
16.00
.630
16.00
.630
16.00
.730
18.54
.730
18.54
1.355
34.42
1.685
42.80
2.205
56.01
2.860
72.64
2.770
70.36
1.640
41.66
1.640
41.66
1.640
41.66
2.010
51.05
2.010
51.05
15
26
44
62
78
1
2
3
4
5
58241-4
58241-2
58241-1
.330
8.38
.572
14.52
.450
11.43
Notes: 1. Plugs accept size 22 DF pin contacts and receptacles accept size 22 DF socket contacts.
2. Components of the kits are shipped unassembled and bulk-packaged in quantities of 100 pieces.
†Maximum cable diameter after jacket and braid removed.
Shell
Size
No. of
Contact
Positions
Recommended
Cable
Outer
Diameter
Dimensions
CD
E
Shielding Enclosure
Expansion Tool
Cable
Part
O.D. (Max.) Number
Kit Numbers
Plug
Receptacle
Each kit contains:
I
Connector
I
Inner shield
I
Outer shield
I
Enclosure
I
Two jackscrews
Contacts and ferrules must be purchased
separately.
Material and Finish:
Connector Shell—Steel, tin plated
Connector Insert—94V-0 rated ther-
moplastic, black
Shields—Steel, tin plated
Enclosure—PVC, black
Jackscrews—Zinc alloy
Related Product Data:
Contact Arrangements—page 40
Performance Characteristics—
page 41
Contacts—page 109
Ferrules—page 108
Application Tooling—pages 108 &
109
Mateable Connectors—
pages 105 & 106
Mating Hardware—pages 146-150,
153-155
Mating/Panel Mounting—page 42
Technical Documents:
Application Specifications—
114-10001
Product Specification—108-1268
Instruction Sheet—408-9381
408-9172
Note: Instruction Sheets for TE Tooling are
packaged with the tooling. For additional
information call the Tooling Assistance Center:
1-800-722-1111.
Shielding Hardware
Enclosure Kits
Plug
Receptacle
.812
[20.62]
Typ.
1.467
[37.62]
Typ.
.125
[3.18]
Max.
.125
[3.18]
Max.
C Max.
Plug Connector
HDP-22
Shield
Qty. 2
Cable
Ref.
Cable
Ref.
4-40 Jackscrew
Qty. 2
Ferrule (Must
Be Purchased
Separately, As
Required By
Cable Diameter
Ferrule (Must
Be Purchased
Separately, As
Required By
Cable Diameter
Expanding Neck, Accommodates Cable
Expanding Neck
Enclosure
.812
[20.62]
Typ.
1.467
[37.62]
Typ.
Rcpt. Connector
HDP-22
Shield
Qty. 2
4-40 Jackscrew
Qty. 2
Enclosure
Receptacle
Plug
Max.
Inner
Cable
Bundle
Dia.†
.330
8.38
.330
8.38
.350
8.89
.450
11.43
.450
11.43
D Max.
E Max.
D Max.
E Max.
C Max.


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com