Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 15 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 15 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 11Page - Tyco Electronics 5748526-1 Datasheet HTML 12Page - Tyco Electronics 5748526-1 Datasheet HTML 13Page - Tyco Electronics 5748526-1 Datasheet HTML 14Page - Tyco Electronics 5748526-1 Datasheet HTML 15Page - Tyco Electronics 5748526-1 Datasheet HTML 16Page - Tyco Electronics 5748526-1 Datasheet HTML 17Page - Tyco Electronics 5748526-1 Datasheet HTML 18Page - Tyco Electronics 5748526-1 Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
104
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HDP-22 Crimp Snap-In Contact Connectors (Continued)
Shielded Cable
Clamps and
Shielding
Hardware and
Enclosure Kits
One-Piece All Plastic
Cable Clamp
180°/120°
(Quik-Snap)
(pg. 133)
Box and Lid
Straight/90°
Exit
(pg. 137)
Box and Lid
Straight/90° Exit
with Male Screw
Retainers
(pg. 137)
Clam Shell
Straight/45° Exit
(pg. 138)
Clam Shell
Straight/45° Exit
with Screw Retainers
(pg. 138)
±
±
±
±
Product Facts:
I
Approximately 65% higher
density than HD-20
connectors
I
Lower cost, commercial
version of the military
approved Series 90 family
I
Available with shielding
overmold hardware and
shielding enclosure kits
I
Capable of using numerous
standard HD-20 cable
clamps and mating hardware
I
Low cost, high
performance, precision-
formed crimp contacts
I
Intermateable with any
size 22 Subminiature D
connector dimensionally
complying with MIL-C-24308
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Listed under Underwriters
Laboratories Inc., Standard
1863, Communication
Circuit Accessories,
File No. E81956
I
Certified by
Canadian Standards
Association, File
No. LR 1088108
(LR 7189-207)
Section Contents
Plug and Receptacle Connectors . . . . . . . . . . . . . . . . . . . . . . . 105
Basic Shielding Hardware Kits . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Shielding Hardware Enclosure Kits . . . . . . . . . . . . . . . . . . . . . . 107
Ferrules for Shielding Hardware Kits . . . . . . . . . . . . . . . . . . . . 108
Contacts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Application Tooling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108, 109
Straight Exit
RFI/EMI Shields
for Jacketed
Cable
(pg. 141)
90° Exit RFI/EMI
Die Cast
Shields For
Jacketed Cable
(pg. 142)
Basic Shielding
Hardware Kits
(pg. 106)
Shielding
Hardware
Enclosure Kits
(pg. 107)
Crimp & Split
Ring Ferrules
(pgs. 143-145)
Male Screw
Retainers
(pgs. 146, 147)
Female
Screwlocks
(pg. 148)
Locking
Posts and
Slide
Latches
(pgs. 149, 151)
Two-Piece
Spring
Latch
(pg. 152)
Latching
Blocks
(pgs. 153, 154)
Unshielded
Cable Clamps
Mounting and
Mating Hardware
Contact Retention Features
Pin
Socket
Housing
(Cutaway)
Contact bearing surface is
large and symmetrical
R
R
Generous lead-in
to minimize “stubbing”
Radius lead-in minimizes force
needed to insert contact
into housing
Reinforced ribs
R
Radius lead-in minimizes force
needed to insert contact
into housing


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com