Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 9Page - Tyco Electronics 5748526-1 Datasheet HTML 10Page - Tyco Electronics 5748526-1 Datasheet HTML 11Page - Tyco Electronics 5748526-1 Datasheet HTML 12Page - Tyco Electronics 5748526-1 Datasheet HTML 13Page - Tyco Electronics 5748526-1 Datasheet HTML 14Page - Tyco Electronics 5748526-1 Datasheet HTML 15Page - Tyco Electronics 5748526-1 Datasheet HTML 16Page - Tyco Electronics 5748526-1 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
102
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDP-20 Application Tooling
HDP-20 contacts may be
applied by a variety of hand
tools and machines. For
low production runs, repairs
and prototype work, we
offer either our premium
CERTI-CRIMP Hand Tool
or our commercial
PRO-CRIMPER II Hand Tool.
For medium-volume
production, you have the
choice of our AMP-O-LECTRIC
Model “G” Terminating
Machine, our new Model
“M” Terminating Machine, or
our AMP-O-MATIC Model II
Stripper-Crimper Machine.
The Stripper-Crimper is typi-
cally used for terminating
the wires of jacketed cable.
All three machines can be
bench mounted.
For production requirements
ranging from non-stop high
volumes to countless series
of short runs, our popular
AMPOMATOR CLS IV+ fully-
automated lead-making
machine is an ideal choice.
For further information
about these or other TE
hand tools and machines,
call the TE Tooling
Assistance Center at
1-800-722-1111.
This versatile machine
now incorporates two
AMP-O-LECTRIC Model “G”
Terminating Units. Basically,
it produces single-wire
leads in lengths from 1.62
[41.2] to 1000 [25 400]. It
measures, cuts, strips and
terminates wire sizes from
26 to 10 AWG [0.12 to 6 mm2]
stranded and 26 to
16 AWG [0.12 to 1.4 mm2]
solid. Production rates
range up to 4800 leads per
hour for 3 [76.2] lengths.
The machine is micropro-
cessor controlled, and pro-
grammed and operated with
an easy-to-follow, menu-
driven touchscreen. It can
retain data for up to 200
lead assemblies. Off-line
programming is also pos-
sible with optional software
OffLine-Plus for Windows
95, Part No. 189263-2.
Air requirement is 90 psi
[6.21] bar minimum at
15 scfm [0.0071 m3/s]. Power
requirement is single-phase
220 VAC, 50 or 60 Hz, 25 A.
For further information
request Catalog 124324.
AMPOMATOR CLS IV+ Lead-Making Machine


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com