Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 12 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 8Page - Tyco Electronics 5748526-1 Datasheet HTML 9Page - Tyco Electronics 5748526-1 Datasheet HTML 10Page - Tyco Electronics 5748526-1 Datasheet HTML 11Page - Tyco Electronics 5748526-1 Datasheet HTML 12Page - Tyco Electronics 5748526-1 Datasheet HTML 13Page - Tyco Electronics 5748526-1 Datasheet HTML 14Page - Tyco Electronics 5748526-1 Datasheet HTML 15Page - Tyco Electronics 5748526-1 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
101
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDP-20 Connector Contacts, Precision Formed (Continued)
Contact Size 20 DF
Pin Diameter .040 [1.02]
Material and Finish:
Pin—Brass
Socket—Phosphor bronze
Plated:
A—Duplex plated .000030 [0.00076]
gold on mating end, with entire contact
.000050 [0.00127] min. nickel under-
plated
B—Duplex plated gold flash on mating
end, with entire contact .000050
[0.00127] min. nickel underplated
Related Product Data:
Performance Characteristics—
page 41
Connectors used with:
HDP—pages 92, 93
Technical Documents:
Product Specification—108-40005
Application Specifications—
114-10000
114-40030
Note: Instruction Sheets for TE Tooling
are packaged with the tooling. For
additional information call the Tooling
Assistance Center: 1-800-722-1111.
.025 [0.64]
Square Posted Contacts
Contact
Loose Form Contact Numbers
Finish
.125 [3.18]
.188 [4.78]
.427 [10.85]
.651 [16.54]
(Plating
Post Length*
Post Length*
Post Length*
Post Length*
Code)
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
A—
5-745288-5
5-745287-4 7-745288-0 4-745287-7 5-745288-8 5-745287-0 6-745288-1
B
———
7-745288-2
7-745288-2
*Length of post extending from rear of HDP-20 metal-shell connector.
Socket
Pin
Stabilizer
Stabilizer
Insertion/Extraction Tool
No. 91285-1
This tool includes interchangeable tips
to Insert/Extract:
Size 22, 28-22 AWG [0.08-0.4 mm2]
Size 20, Posted Contacts
(Instruction Sheet—408-9404)
Contact Size 20 DF
Pin Diameter .040 [1.02]
Material and Finish:
Pin—Brass
Socket—Phosphor bronze
Plated—Gold flash over nickel on
entire contact, with additional .000030
[0.00076] gold on mating end
Related Product Data:
Performance Characteristics—
page 41
Connectors used with:
HDP—pages 92-97
Technical Documents:
Product Specification—108-40005
Application Specification—
114-40030
Socket
Pin
Strip Form
Loose Form
Contact Number
Contact Number
Pin
Socket
Pin
Socket
66570-2
66569-2
66570-3
66569-3
18 AWG Max. Wire (.046 [1.17] Max. Conductor Diameter)
Note:
Contacts to be
soldered to wire
before being
inserted into
housing
Solder Cup Contacts,
Snap-In


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com