Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 66 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 66 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 58Page - Tyco Electronics 5748526-1 Datasheet HTML 59Page - Tyco Electronics 5748526-1 Datasheet HTML 60Page - Tyco Electronics 5748526-1 Datasheet HTML 61Page - Tyco Electronics 5748526-1 Datasheet HTML 62Page - Tyco Electronics 5748526-1 Datasheet HTML 63Page - Tyco Electronics 5748526-1 Datasheet HTML 64Page - Tyco Electronics 5748526-1 Datasheet HTML 65Page - Tyco Electronics 5748526-1 Datasheet HTML 66Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 66 page
background image
155
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS
compliant.
Hardware (Continued)
Standoff Bushings
Material:
Aluminum
Related Product Data:
Connectors used with:
HD Straight Posted—
pages 76-85, 87-89
Kit Numbers:
205933-3 (two bushings per pack-
age)
205933-4 (bulk packed)*
*Parts are individually bulk packed for
multiple part orders.
Keying Plug
(for Size 20 Socket Contacts)
Part Number: 206509-1
Notes: 1. Keying plug is installed taper-end
first into front of receptacle.
Notes: 2. Sold individually.
Material:
Polyphenylene oxide
Related Product Data:
Connectors used with:
All HDE, HDP and HD Receptacles
with Socket Contacts
Keying Plug
499712-1 AMP-LATCH (electrical
connectors) can be used on
HD22 Socket Contacts
4-40 Screws
(Customer Supplied)
Standoff
Bushing
Pc Board
.250
[6.35]
.435
[11.05]
4-40 Threads
(thru)
Keying Plug
(See Note)
.400
[10.16]
.120 Dia.
[3.05]
(2 Holes)
.010
[0.25]
Ref.
.400
[10.16]
B
A
C ± .010
C 0.25]
.800 ± .010
[20.32 ± 0.25]
9, 15, 25 and 37 Positions
Shell Size
(No. of
Dimensions
Gasket
Contact Pos.)
AB
C
Part No.
1
.746
.984
1.220
(9)
18.95
24.99
30.99
5747024-3
2
1.074
1.312
1.555
(15)
27.28
33.32
39.50
5747025-3
3
1.614
1.852
2.100
(25)
41.00
47.04
53.34
745776-4
4
2.266
2.500
2.730
(37)
57.56
63.50
69.34
745777-4
EMI/RFI Gaskets
Material and Finish:
Brass, .006 [0.15] thick;
bright tin plated
Metal-Shell
or All-Plastic
Receptacle
(Shown for Ref. only)
4-40 Screws
(Customer Supplied)
.200 ± .010
[5.08 ± 0.25]
.047
.044
1.19
1.12]
.115
[2.92]
Max.
Dia.
Metal-Shell
Plug or
Receptacle
(Shown for Ref. only)


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com