Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5748526-1 Datasheet(PDF) 64 Page - Tyco Electronics

Part # 5748526-1
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5748526-1 Datasheet(HTML) 64 Page - Tyco Electronics

Back Button 5748526-1 Datasheet HTML 58Page - Tyco Electronics 5748526-1 Datasheet HTML 59Page - Tyco Electronics 5748526-1 Datasheet HTML 60Page - Tyco Electronics 5748526-1 Datasheet HTML 61Page - Tyco Electronics 5748526-1 Datasheet HTML 62Page - Tyco Electronics 5748526-1 Datasheet HTML 63Page - Tyco Electronics 5748526-1 Datasheet HTML 64Page - Tyco Electronics 5748526-1 Datasheet HTML 65Page - Tyco Electronics 5748526-1 Datasheet HTML 66Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
153
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Hardware (Continued)
Material and Finish:
Latching Blocks—Zinc
Pan Head Screws—Steel, zinc plated
Related Product Data:
Connectors used with:
HDE Metal-Shell or All-Plastic—
pages 112-115
HDF Metal-Shell or All-Plastic—
pages 125 & 126
HDP Metal-Shell—pages 90-102
HD Board Mount—pages 54-71,
78-85, 87-89
Mating/Panel Mounting—page 136
Technical Documents:
Instruction Sheet—408-9128
Latching Blocks
with Threaded Hole
Typical Application of Front-Panel Mounted
Subminiature D Connector using Front-Panel Latching Blocks
Typical Application of Rear-Panel Mounted
Subminiature D Connector using Rear-Panel Latching Blocks
Metal-Shell or
All-Plastic
Plug or
Receptacle
(Shown for Ref. only)
Latching
Block
B
A
.030 [.762]
or
.060 [1.52]
Thick Panel
Shell
(No. of
Dimensions
Panel
Thread
Rear-Panel Latching Block
Front-Panel Latching Block
Contact
Thickness
Size
Part No.
Part No.
Pos.)
A
B
Individual
Bulk Packed*
Individual
Bulk Packed*
M3
.400
.190
.060
(Metric)
745403-2
——
10.16
4.83
1.52
4-40
745403-8
——
1 thru 4
.400
.220
.030
(9 thru 37) 10.16
5.59
0.76
4-40
747717-2
——
M3
5745007-1
.400
.250
(Metric)
——
208101-1
208101-2
10.16
6.35
4-40
——
208101-8
208101-9
5
.530
.250
(50)
13.46
6.35
4-40
——
1-208101-1
**Bulk packed for multiple part orders.
**Individual kits contain two latching blocks per package.
Notes: 1. All parts are packaged unassembled.
2. Each front panel latching block kit is comprised of two latching blocks. Two pan head screws of the
appropriate length and thread size to be supplied by customer.
Notes: 3. B dimension .250 [6.35] is for connector flange mounting, .220 [5.59] is for use with .030 [0.76] thick
panels, and .190 [4.83] is for use with .060 [1.52] thick panels.
Notes: 4. Latching blocks mate with spring latches (page 152).
Pan Head Screw
(Supplied with
745007-1 and -5 only)
(See Note 3.)


Similar Part No. - 5748526-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
   Maxi Universal Adapter Kit
logo
Tyco Electronics
5748026-1 MACOM-5748026-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748026-1 TEC-5748026-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
5748027-1 MACOM-5748027-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
TE Connectivity Ltd
5748027-1 TEC-5748027-1 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5748526-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com