Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP-06V-B(N)C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMP-06V-B(N)C
Description  2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMP-06V-B(N)C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMP-06V-B(N)C Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP-06V-B(N)C Datasheet HTML 2Page - List of Unclassifed Manufacturers SMP-06V-B(N)C Datasheet HTML 3Page - List of Unclassifed Manufacturers SMP-06V-B(N)C Datasheet HTML 4Page - List of Unclassifed Manufacturers SMP-06V-B(N)C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SM CONNECTOR
Material: PA 6, UL94V-0
Q´ty /
bag
Q´ty /
bag
Q´ty /
bag
Q´ty /
bag
7
8
3A
3A
500
500
500
500
Circuits
Current rating
Receptacle housing(for pin contact)
Plug housing(for socket contact)
Q´ty /
bag
Q´ty /
bag
Q´ty /
bag
Q´ty /
bag
Q´ty /
bag
Q´ty /
bag
9
10
11
3A
3A
3A
500
200
200
500
500
500
SMR-09V-B, black
SMR-09V-N, white (natural)
SMP-09V-BC, black
SMP-09V-NC, white (natural)
SMR-10V-B, black
SMR-10V-N, white (natural)
SMP-10V-BC, black
SMP-10V-NC, white (natural)
SMR-11V-B, black
SMR-11V-N, white (natural)
SMP-11V-BC, black
SMP-11V-NC, white (natural)
7.5
18.2
10.2
11.7
7.4
SMR-07V-B, black
SMR-07V-N, white (natural)
SMP-07V-BC, black
SMP-07V-NC, white (natural)
7.5
18.2
10.2
11.7
7.4
SMR-08V-B, black
SMR-08V-N, white (natural)
SMP-08V-BC, black
SMP-08V-NC, white (natural)
7.5
18.2
10.2
7.5
7.5
18.2
10.2
18.2
10.2
11.7
7.4
11.7
7.4
11.7
7.4
RoHS compliance
Housing


Similar Part No. - SMP-06V-B(N)C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SMP-03 RFM-SMP-03 Datasheet
161Kb / 2P
   10-Terminal Ceramic Surface-Mount Case 7 x 5 mm Nominal Footprint
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
More results

Similar Description - SMP-06V-B(N)C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com