Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV4096A Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49LV4096A
Description  4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV4096A Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49LV4096A Datasheet HTML 1Page - ATMEL Corporation AT49LV4096A Datasheet HTML 2Page - ATMEL Corporation AT49LV4096A Datasheet HTML 3Page - ATMEL Corporation AT49LV4096A Datasheet HTML 4Page - ATMEL Corporation AT49LV4096A Datasheet HTML 5Page - ATMEL Corporation AT49LV4096A Datasheet HTML 6Page - ATMEL Corporation AT49LV4096A Datasheet HTML 7Page - ATMEL Corporation AT49LV4096A Datasheet HTML 8Page - ATMEL Corporation AT49LV4096A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
AT49BV/LV4096A
1618H–FLASH–4/04
Block Diagram
Device Operation
READ: The AT49BV/LV4096A is accessed like an EPROM. When CE and OE are low
and WE is high, the data stored at the memory location determined by the address pins
is asserted on the outputs. The outputs are put in the high-impedance state whenever
CE or OE is high. This dual-line control gives designers flexibility in preventing bus
contention.
COMMAND SEQUENCES: When the device is first powered on, it will be reset to the
read or standby mode, depending upon the state of the control line inputs. In order to
perform other device functions, a series of command sequences are entered into the
device. The command sequences are shown in the Command Definitions table (I/O8 -
I/O15 are don’t care inputs for the command codes). The command sequences are writ-
ten by applying a low pulse on the WE or CE input with CE or WE low (respectively) and
OE high. The address is latched on the falling edge of CE or WE, whichever occurs last.
The data is latched by the first rising edge of CE or WE. Standard microprocessor write
timings are used. The address locations used in the command sequences are not
affected by entering the command sequences.
RESET: A RESET input pin is provided to ease some system applications. When
RESET is at a logic high level, the device is in its standard operating mode. A low level
on the RESET input halts the present device operation and puts the outputs of the
device in a high-impedance state. When a high level is reasserted on the RESET pin,
the device returns to the read or standby mode, depending upon the state of the control
inputs. By applying a 12V ± 0.5V input signal to the RESET pin, the boot block array can
be reprogrammed even if the boot block program lockout feature has been enabled (see
“Boot Block Programming Lockout Override” section).
ERASURE: Before a byte or word can be reprogrammed, it must be erased. The erased
state of memory bits is a logic “1”. The entire device can be erased by using the Chip
Erase command or individual sectors can be erased by using the Sector Erase
commands.
VCC
GND
OE
CONTROL
LOGIC
DATA INPUTS/OUTPUTS
I/O0 - I/O15
WE
CE
RESET
ADDRESS
INPUTS
Y DECODER
INPUT/OUTPUT
BUFFERS
PROGRAM DATA
LATCHES
Y-GATING
3FFFF
MAIN MEMORY
(240K WORDS)
PARAMETER
BLOCK 2
4K WORDS
PARAMETER
BLOCK 1
4K WORDS
BOOT BLOCK
8K WORDS
04000
03FFF
03000
02FFF
X DECODER
02000
01FFF
00000


Similar Part No. - AT49LV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV4096 ATMEL-AT49LV4096 Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12RC ATMEL-AT49LV4096-12RC Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12RI ATMEL-AT49LV4096-12RI Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12TC ATMEL-AT49LV4096-12TC Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12TI ATMEL-AT49LV4096-12TI Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
More results

Similar Description - AT49LV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com