Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV4096A Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT49LV4096A
Description  4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV4096A Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT49LV4096A Datasheet HTML 8Page - ATMEL Corporation AT49LV4096A Datasheet HTML 9Page - ATMEL Corporation AT49LV4096A Datasheet HTML 10Page - ATMEL Corporation AT49LV4096A Datasheet HTML 11Page - ATMEL Corporation AT49LV4096A Datasheet HTML 12Page - ATMEL Corporation AT49LV4096A Datasheet HTML 13Page - ATMEL Corporation AT49LV4096A Datasheet HTML 14Page - ATMEL Corporation AT49LV4096A Datasheet HTML 15Page - ATMEL Corporation AT49LV4096A Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
AT49BV/LV4096A
1618H–FLASH–4/04
Packaging Information
44R – SOIC
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
44R, 44-lead (0.525" Body) Plastic Gull Wing Small Outline (SOIC)
A
44R
04/11/01
0.508(0.020)
0.356(0.014)
13.46(0.530)
13.21(0.520)
16.18(0.637)
15.82(0.623)
1.27(0.050) BSC
28.32(1.115)
28.07(1.105)
2.67(0.105)
2.41(0.095)
0.33(0.130)
1.27(0.050)
0.250(0.010)
0.100(0.004)
1.00(0.039)
0.60(0.024)
0º ~ 8º
PIN 1
Dimensions in Millimeters and (Inches).
Controlling dimension: Inches.


Similar Part No. - AT49LV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV4096 ATMEL-AT49LV4096 Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12RC ATMEL-AT49LV4096-12RC Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12RI ATMEL-AT49LV4096-12RI Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12TC ATMEL-AT49LV4096-12TC Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12TI ATMEL-AT49LV4096-12TI Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
More results

Similar Description - AT49LV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com