Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV4096A Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT49LV4096A
Description  4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV4096A Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT49LV4096A Datasheet HTML 8Page - ATMEL Corporation AT49LV4096A Datasheet HTML 9Page - ATMEL Corporation AT49LV4096A Datasheet HTML 10Page - ATMEL Corporation AT49LV4096A Datasheet HTML 11Page - ATMEL Corporation AT49LV4096A Datasheet HTML 12Page - ATMEL Corporation AT49LV4096A Datasheet HTML 13Page - ATMEL Corporation AT49LV4096A Datasheet HTML 14Page - ATMEL Corporation AT49LV4096A Datasheet HTML 15Page - ATMEL Corporation AT49LV4096A Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
AT49BV/LV4096A
1618H–FLASH–4/04
Ordering Information
t
ACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
25
0.05
AT49LV4096A-70TI
48T
Industrial
(-40
° to 85°C)
90
25
0.05
AT49BV4096A-90RC
AT49BV4096A-90TC
44R
48T
Commercial
(0
° to 70°C)
90
25
0.05
AT49BV4096A-90TI
48T
Industrial
(-40
° to 85°C)
Package Type
44R
44-lead, 0.525" Wide, Plastic Gull Wing Small Outline (SOIC)
48T
48-lead, 12 x 20 mm, Plastic Thin Small Outline Package (TSOP)


Similar Part No. - AT49LV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV4096 ATMEL-AT49LV4096 Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12RC ATMEL-AT49LV4096-12RC Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12RI ATMEL-AT49LV4096-12RI Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12TC ATMEL-AT49LV4096-12TC Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12TI ATMEL-AT49LV4096-12TI Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
More results

Similar Description - AT49LV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com