Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV4096A Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT49LV4096A
Description  4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV4096A Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT49LV4096A Datasheet HTML 8Page - ATMEL Corporation AT49LV4096A Datasheet HTML 9Page - ATMEL Corporation AT49LV4096A Datasheet HTML 10Page - ATMEL Corporation AT49LV4096A Datasheet HTML 11Page - ATMEL Corporation AT49LV4096A Datasheet HTML 12Page - ATMEL Corporation AT49LV4096A Datasheet HTML 13Page - ATMEL Corporation AT49LV4096A Datasheet HTML 14Page - ATMEL Corporation AT49LV4096A Datasheet HTML 15Page - ATMEL Corporation AT49LV4096A Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
AT49BV/LV4096A
1618H–FLASH–4/04
Software Product Identification Entry
(1)
Software Product Identification Exit(1)(6)
Notes:
1.
Data Format: I/O15 - I/O8 (Don’t Care); I/O7 - I/O0 (Hex)
Address Format: A15 - A0 (Hex), A-1, and A15 - A17 (Don’t
Care).
2. A1 - A17 = V
IL.
Manufacturer Code is read for A0 = VIL;
Device Code is read for A0 = VIH.
3.
The device does not remain in identification mode if powered
down.
4.
The
device
returns
to
standard
operation
mode.
5.
Manufacturer Code: 161FH
Device Code: 1692H
6.
Either one of the Product ID Exit commands can be used.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 90
TO
ADDRESS 5555
ENTER PRODUCT
IDENTIFICATION
MODE(2)(3)(5)
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA F0
TO
ADDRESS 5555
EXIT PRODUCT
IDENTIFICATION
MODE(4)
OR
LOAD DATA F0
TO
ANY ADDRESS
EXIT PRODUCT
IDENTIFICATION
MODE(4)
Boot Block Lockout Enable
Algorithm
(1)
Notes:
1.
Data Format: I/O15 - I/O8 (Don’t Care); I/O7 - I/O0 (Hex)
Address Format: A15 - A0 (Hex), A-1, and A15 - A17
(Don’t Care).
2.
Boot Block Lockout feature enabled.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 40
TO
ADDRESS 5555
PAUSE 1 second(2)


Similar Part No. - AT49LV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV4096 ATMEL-AT49LV4096 Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12RC ATMEL-AT49LV4096-12RC Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12RI ATMEL-AT49LV4096-12RI Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12TC ATMEL-AT49LV4096-12TC Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12TI ATMEL-AT49LV4096-12TI Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
More results

Similar Description - AT49LV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com