Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV4096A Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49LV4096A
Description  4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV4096A Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49LV4096A Datasheet HTML 6Page - ATMEL Corporation AT49LV4096A Datasheet HTML 7Page - ATMEL Corporation AT49LV4096A Datasheet HTML 8Page - ATMEL Corporation AT49LV4096A Datasheet HTML 9Page - ATMEL Corporation AT49LV4096A Datasheet HTML 10Page - ATMEL Corporation AT49LV4096A Datasheet HTML 11Page - ATMEL Corporation AT49LV4096A Datasheet HTML 12Page - ATMEL Corporation AT49LV4096A Datasheet HTML 13Page - ATMEL Corporation AT49LV4096A Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
AT49BV/LV4096A
1618H–FLASH–4/04
Program Cycle Waveforms
Sector or Chip Erase Cycle Waveforms
Notes:
1. OE must be high only when WE and CE are both low.
2. For chip erase, the address should be 5555. For sector erase, the address depends on what sector is to be erased.
(See note 4 under Command Definitions.)
3. For chip erase, the data should be 10H, and for sector erase, the data should be 30H.
Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
BP
Byte/Word Programming Time
30
µs
t
AS
Address Setup Time
0
ns
t
AH
Address Hold Time
70
ns
t
DS
Data Setup Time
70
ns
t
DH
Data Hold Time
0
ns
t
WP
Write Pulse Width
70
ns
t
WPH
Write Pulse Width High
50
ns
t
EC
Erase Cycle Time
10
seconds
OE
INPUT DATA
ADDRESS
A0
55
5555
5555
AA
2AAA
t BP
t WPH
t WP
CE
WE
t
AS
tAH
t DH
t DS
5555
AA
PROGRAM CYCLE
A0-A17
DATA
OE
(1)
AA
80
55
55
5555
5555
AA
2AAA
2AAA
t
WPH
t
WP
CE
WE
t AS
tAH
t EC
t DH
t DS
5555
A0-A17
DATA
Note 2
Note 3
WORD 0
WORD 1
WORD 2
WORD 3
WORD 4
WORD 5


Similar Part No. - AT49LV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV4096 ATMEL-AT49LV4096 Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12RC ATMEL-AT49LV4096-12RC Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12RI ATMEL-AT49LV4096-12RI Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12TC ATMEL-AT49LV4096-12TC Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT49LV4096-12TI ATMEL-AT49LV4096-12TI Datasheet
176Kb / 11P
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
More results

Similar Description - AT49LV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com