Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9CRB0412P5K001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9CRB0412P5K001
Description  Counter Rotating Fan San Ace 40
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9CRB0412P5K001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9CRB0412P5K001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9CRB0412P5K001 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
191
取付用穴
56±0.5
(5)
(5)
4-φ3.5±0.3
+30
320 0
+30
320 0
(10)
(10)
40±0.3
32±0.3
リード線
AWG28
UL1061
回転方向
回転方向
風吹出方向
4-
φ3.5±0.3
取付用穴
39
18
32±0.3
4-φ3.7
Counter Rotating Fan
48mm thick (CRA type), 56mm thick (CRB type)
56mm thick (CRF type), 56mm thick (CRD type)
56mm thick (CRE type), 56mm thick (CRA type)
San Ace 40
General Specifications
Material……………………Frame: Plastics (Flammability: UL94V-0),
Impeller: Plastics (Flammability: UL94V-0)
Expected Life ……………Refer to specificationsL10:Survival rate:90% at 60,
rated voltage, and continuously run in a free air state
Lead Wire …………………Inlet
red
black Sensor yellow
Control
brown
Outlet
orange
gray
Sensor
purple
Control
white
Storage Temperature …−30to 70℃(Non-condensing
40×40×56mm
Mass100g
Model No.
Rated Voltage Operating Voltage Range
PWM duty
cycle※[%]
Rated Current Rated Input
Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
[V][V][A][W][min
-1
[m³/min] [CFM][Pa][inchH²O][dB(A)][℃]
[h]
Inlet
Outlet
9CRB0412P5S201
12
10.8 to 13.2
100
1.4
16.8
22,000 19,700 0.9
31.8
1,045
4.197
68
20 to 70
30,000
0
0.09
1.08
3,800
3,500 0.15
5.3
31
0.124
26
9CRB0412P5K001
100
0.88
10.56
19,000 17,000 0.76
26.83
730
2.93
62
40,000
0
0.11
1.32
5,700
5,100 0.21
7.41
67
0.26
33
9CRB0412P5J201
100
0.72
8.64
17,300 16,000 0.71
25.1
650
2.61
61
0
0.07
0.84
3,450
3,200 0.13
4.59
26
0.10
24
CRB type
Rotating Direction
Air Flow Direction
Rotating Direction
Lead Wire
Inlet side
Outlet side
Specifications The following nos. have PWM controls and pulse sensors.
DimensionsUnit : mm
Reference dimension of mounting holes and vent openingUnit : mm
Inlet side, Outlet side
40mmsq.
PWM Frequency25kHz
Mounting Hole
Mounting Hole
Available options: Without Sensor
Pulse Sensor


Similar Part No. - 9CRB0412P5K001

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9CRB0812P8G001 SANYODENKI-9CRB0812P8G001 Datasheet
220Kb / 2P
   Counter Rotating Fan San Ace 80 9CRB type
More results

Similar Description - 9CRB0412P5K001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9CRE0412P5J03 ETC2-9CRE0412P5J03 Datasheet
111Kb / 2P
   Counter Rotating Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9CRD0412P5J03 SANYODENKI-9CRD0412P5J03 Datasheet
231Kb / 3P
   Counter Rotating Fan San Ace 40 9CRD type
9CRJ0412P5J001 SANYODENKI-9CRJ0412P5J001 Datasheet
512Kb / 2P
   San Ace 40 9CRJ type Counter Rotating Fan
9CRV0412P5J201 SANYODENKI-9CRV0412P5J201 Datasheet
164Kb / 2P
   Counter Rotating Fan San Ace 40 9CRV type
9CRA0412P4K03 SANYODENKI-9CRA0412P4K03 Datasheet
263Kb / 3P
   Counter Rotating Fan San Ace 40 9CRA type
9CRH0412P5J001 SANYODENKI-9CRH0412P5J001 Datasheet
184Kb / 2P
   Counter Rotating Fan San Ace 40 9CRH type
logo
List of Unclassifed Man...
9CRA0812P8G001 ETC2-9CRA0812P8G001 Datasheet
163Kb / 2P
   Counter Rotating Fan San Ace 80
logo
SANYO DENKI CO., LTD.
9CR0612P5G03 SANYODENKI-9CR0612P5G03 Datasheet
205Kb / 2P
   Counter Rotating Fan San Ace 60 9CR type
9CRE0612P0G001 SANYODENKI-9CRE0612P0G001 Datasheet
160Kb / 2P
   Counter Rotating Fan San Ace 60 9CRE type
9CRB0812P8G001 SANYODENKI-9CRB0812P8G001 Datasheet
220Kb / 2P
   Counter Rotating Fan San Ace 80 9CRB type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com