Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKI06261 Datasheet(PDF) 4 Page - Sanken electric

Part # DKI06261
Description  DC-DC converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

DKI06261 Datasheet(HTML) 4 Page - Sanken electric

  DKI06261 Datasheet HTML 1Page - Sanken electric DKI06261 Datasheet HTML 2Page - Sanken electric DKI06261 Datasheet HTML 3Page - Sanken electric DKI06261 Datasheet HTML 4Page - Sanken electric DKI06261 Datasheet HTML 5Page - Sanken electric DKI06261 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DKI06261
DKI06261-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
4
Jan. 24, 2014
Package Outline
NOTES:
1) Dimension is in millimeters
2) Pb-free. Device composition compliant with the RoHS directive
Marking Diagram
Part Number
YMDD
XXXB
DKI×××××
Lot Number
Y is the Last digit of the year (0 to 9)
M is the Month (1 to 9, O, N or D)
DD is the Date (two digit of 01 to 31)
XXX is the suffix No.
B expresses Pb free pins
SK
TO252
ITEM
Min
Max
A
2.18
2.39
A1
 --
0.13
b
0.70
0.89
b1
0.70
0.86
b2
0.76
1.14
b3
4.95
5.46
c
0.46
0.61
c1
0.41
0.56
c2
0.46
0.89
D
5.97
6.22
D1
5.21
E
6.35
6.73
E1
4.32
 --
e
H
9.40
10.41
L
1.40
1.78
L1
2.60
2.90
L2
L3
1.65
1.85
L4
0.60
0.90
θ
θ1
φ
1.20 REF
7° REF
2.29
0.51


Similar Part No. - DKI06261

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DKI06261 ISC-DKI06261 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
DKI06261 DOINGTER-DKI06261 Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Sanken electric
DKI06261 SANKEN-DKI06261_15 Datasheet
689Kb / 8P
   N ch Trench Power MOSFET
More results

Similar Description - DKI06261

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com