Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKI03038 Datasheet(PDF) 1 Page - Sanken electric

Part # DKI03038
Description  DC-DC converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

DKI03038 Datasheet(HTML) 1 Page - Sanken electric

  DKI03038 Datasheet HTML 1Page - Sanken electric DKI03038 Datasheet HTML 2Page - Sanken electric DKI03038 Datasheet HTML 3Page - Sanken electric DKI03038 Datasheet HTML 4Page - Sanken electric DKI03038 Datasheet HTML 5Page - Sanken electric DKI03038 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
30 V, 48 A, 3.4 m
Ω Low RDS(ON)
N ch Trench Power MOSFET
DKI03038
DKI03038-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
1
Jan. 24, 2014
Features
 V
(BR)DSS --------------------------------- 30 V (ID = 100 µA)
 I
D ---------------------------------------------------------- 48 A
 R
DS(ON) ----------4.2 mΩ max. (VGS = 10 V, ID = 47.2 A)
 Q
g-------- 16.5 nC (VGS = 4.5 V, VDS = 15 V, ID = 57 A)
 Low Total Gate Charge
 High Speed Switching
 Low On-Resistance
 Capable of 4.5 V Gate Drive
 100 % UIL Tested
 RoHS Compliant
Applications
 DC-DC converters
 Synchronous Rectification
 Power Supplies
Package
TO-252
Not to scale
Equivalent circuit
Absolute Maximum Ratings
Unless otherwise specified, T
A = 25 °C
Parameter
Symbol
Test conditions
Rating
Unit
Drain to Source Voltage
VDS
30
V
Gate to Source Voltage
VGS
± 20
V
Continuous Drain Current
ID
TC = 25 °C
48
A
Pulsed Drain Current
IDM
PW ≤ 100µs
Duty cycle ≤ 1 %
96
A
Continuous Source Current
(Body Diode)
IS
48
A
Pulsed Source Current
(Body Diode)
ISM
PW ≤ 100µs
Duty cycle ≤ 1 %
96
A
Single Pulse Avalanche Energy
EAS
VDD = 20 V, L = 1 mH,
IAS = 7.7 A, unclamped,
RG = 4.7 Ω
Refer to Figure 1
89
mJ
Avalanche Current
IAS
16.7
A
Power Dissipation
PD
TC = 25 °C
47
W
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
− 55 to 150
°C
http://www.sanken-ele.co.jp
D(2)(4)
S(3)
G(1)
(1)
(2)
(3)
G
D
S
(4)
D
(3)
(2)
(1)
S
D
G


Similar Part No. - DKI03038

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DKI03038 ISC-DKI03038 Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
logo
Sanken electric
DKI03038 SANKEN-DKI03038_15 Datasheet
688Kb / 8P
N ch Trench Power MOSFET
More results

Similar Description - DKI03038

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com