Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25U4033E Datasheet(PDF) 16 Page - Macronix International

Part # MX25U4033E
Description  4M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25U4033E Datasheet(HTML) 16 Page - Macronix International

Back Button MX25U4033E Datasheet HTML 12Page - Macronix International MX25U4033E Datasheet HTML 13Page - Macronix International MX25U4033E Datasheet HTML 14Page - Macronix International MX25U4033E Datasheet HTML 15Page - Macronix International MX25U4033E Datasheet HTML 16Page - Macronix International MX25U4033E Datasheet HTML 17Page - Macronix International MX25U4033E Datasheet HTML 18Page - Macronix International MX25U4033E Datasheet HTML 19Page - Macronix International MX25U4033E Datasheet HTML 20Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
16
MX25U4033E
16
P/N: PM1755
REV. 1.5, NOV. 14, 2013
Note
1: ADD=00H will output the manufacturer ID first and ADD=01H will output device ID first.
2: It is not recommended to adopt any other code not in the command definition table, which will potentially enter the
hidden mode.
Command
(byte)
RDID
(read
identific-
ation)
RES (read
electronic
ID)
REMS (read
electronic
manufacturer
& device ID)
REMS2 (read
ID for 2x I/O
mode)
REMS4 (read
ID for 4x I/O
mode)
ENSO (enter
secured
OTP)
EXSO (exit
secured
OTP)
1st byte
9F (hex)
AB (hex)
90 (hex)
EF (hex)
DF (hex)
B1 (hex)
C1 (hex)
2nd byte
x
x
X
x
3rd byte
x
x
X
x
4th byte
x
ADD
ADD
ADD
Action
outputs
JEDEC
ID: 1-byte
Manufacturer
ID & 2-byte
Device ID
to read out
1-byte Device
ID
output the
Manufacturer
ID & Device
ID
output the
Manufacturer
ID & Device
ID
output the
Manufacturer
ID & Device
ID
to enter
the 4K-bit
secured OTP
mode
to exit
the 4K-bit
secured OTP
mode
Command
(byte)
RDSCUR
(read security
register)
WRSCUR
(write security
register)
SBLK
(single block
lock
SBULK
(single block
unlock)
RDBLOCK
(block protect
read)
GBLK
(gang block
lock)
GBULK
(gang block
unlock)
1st byte
2B (hex)
2F (hex)
36 (hex)
39 (hex)
3C (hex)
7E (hex)
98 (hex)
2nd byte
AD1
AD1
AD1
3rd byte
AD2
AD2
AD2
4th byte
AD3
AD3
AD3
Action
to read value
of security
register
to set the lock-
down bit as
"1" (once lock-
down, cannot
be update)
individual block
(64K-byte) or
sector (4K-byte)
write protect
individual block
(64K-byte) or
sector (4K-byte)
unprotect
read individual
block or sector
write protect
status
whole chip
write protect
whole chip
unprotect
Security/ID/Mode Setting/Reset Commands
Command
(byte)
WPSEL
(Write Protect
Selection)
1st byte
68 (hex)
2nd byte
3rd byte
4th byte
Action
to enter and
enable individal
block protect
mode


Similar Part No. - MX25U4033E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U4035 MCNIX-MX25U4035 Datasheet
2Mb / 54P
4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25U4035MI-25G MCNIX-MX25U4035MI-25G Datasheet
2Mb / 54P
4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25U4035MI25G MCNIX-MX25U4035MI25G Datasheet
2Mb / 57P
4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25U4035ZNI25G MCNIX-MX25U4035ZNI25G Datasheet
2Mb / 57P
4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25U4035ZUI-25G MCNIX-MX25U4035ZUI-25G Datasheet
2Mb / 54P
4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
More results

Similar Description - MX25U4033E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U3235F MCNIX-MX25U3235F Datasheet
1Mb / 90P
1.8V 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U12835F MCNIX-MX25U12835F Datasheet
1Mb / 96P
1.8V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U1635E MCNIX-MX25U1635E Datasheet
1Mb / 87P
16M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U3235E MCNIX-MX25U3235E Datasheet
1Mb / 86P
32M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U2033E MCNIX-MX25U2033E Datasheet
840Kb / 68P
2M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U6435F MCNIX-MX25U6435F Datasheet
1Mb / 92P
1.8V 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L1673E MCNIX-MX25L1673E Datasheet
992Kb / 65P
16M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3275E MCNIX-MX25L3275E Datasheet
1Mb / 87P
32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6473E MCNIX-MX25L6473E Datasheet
1Mb / 86P
64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com