Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L3208EM2I12G Datasheet(PDF) 7 Page - Macronix International

Part # MX25L3208EM2I12G
Description  32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3208EM2I12G Datasheet(HTML) 7 Page - Macronix International

Back Button MX25L3208EM2I12G Datasheet HTML 3Page - Macronix International MX25L3208EM2I12G Datasheet HTML 4Page - Macronix International MX25L3208EM2I12G Datasheet HTML 5Page - Macronix International MX25L3208EM2I12G Datasheet HTML 6Page - Macronix International MX25L3208EM2I12G Datasheet HTML 7Page - Macronix International MX25L3208EM2I12G Datasheet HTML 8Page - Macronix International MX25L3208EM2I12G Datasheet HTML 9Page - Macronix International MX25L3208EM2I12G Datasheet HTML 10Page - Macronix International MX25L3208EM2I12G Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
P/N: PM1614
REV. 1.2, NOV. 28, 2013
MX25L3208E
PIN CONFIGURATIONS
SYMBOL
DESCRIPTION
CS#
Chip Select
SI/SIO0 Serial Data Input (for 1 x I/O)/ Serial Data
Input & Output (for Dual Output mode)
SO/SIO1 Serial Data Output (for 1 x I/O)/ Serial Data
Output (for Dual Output mode)
SCLK Clock Input
WP#
Write protection
HOLD# Hold, to pause the device without
deselecting the device
VCC
+ 3.3V Power Supply
GND
Ground
PIN DESCRIPTION
8-PIN SOP (200mil)
1
2
3
4
CS#
SO/SIO1
WP#
GND
VCC
HOLD#
SCLK
SI/SIO0
8
7
6
5
8-LAND WSON (6x5mm)
1
2
3
4
CS#
SO/SIO1
WP#
GND
8
7
6
5
VCC
HOLD#
SCLK
SI/SIO0


Similar Part No. - MX25L3208EM2I12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205 MCNIX-MX25L3205 Datasheet
481Kb / 45P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205A MCNIX-MX25L3205A Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20 MCNIX-MX25L3205AMC-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20G MCNIX-MX25L3205AMC-20G Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMI-20 MCNIX-MX25L3205AMI-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
More results

Similar Description - MX25L3208EM2I12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3206E MCNIX-MX25L3206E Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3235D MCNIX-MX25L3235D Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L3225D MCNIX-MX25L3225D Datasheet
507Kb / 47P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25V2006E MCNIX-MX25V2006E Datasheet
906Kb / 49P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com