Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4275FP2-C Datasheet(PDF) 2 Page - Rohm

Part # BD4275FP2-C
Description  500 mA Output LDO Regulator with Voltage Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4275FP2-C Datasheet(HTML) 2 Page - Rohm

  BD4275FP2-C Datasheet HTML 1Page - Rohm BD4275FP2-C Datasheet HTML 2Page - Rohm BD4275FP2-C Datasheet HTML 3Page - Rohm BD4275FP2-C Datasheet HTML 4Page - Rohm BD4275FP2-C Datasheet HTML 5Page - Rohm BD4275FP2-C Datasheet HTML 6Page - Rohm BD4275FP2-C Datasheet HTML 7Page - Rohm BD4275FP2-C Datasheet HTML 8Page - Rohm BD4275FP2-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/20
29.Nov.2013 Rev.003
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BD4275FP2-C
BD4275FPJ-C
Datasheet
TSZ02201-0T2T0AN00110-1-2
Pin Configurations
Figure 3. Pin configurations
Pin Descriptions
Block Diagram
Figure 4. Block Diagram
Pin No.
Pin Name
Function
1
VCC
Supply Voltage Input
2
RO
Reset Output; Open-Collector output.
3
GND
Ground; Pin3 internally connected to FIN.
4
CT
Reset Delay; connect capacitor to GND for setting delay time.
5
VO
5 V Output;
FIN
FIN
FIN; FIN internally connected to Pin3.
12
3 4
5
TO252-J5F
(TOP VIEW)
FIN
1 2
3 4
5
TO263-5F
(TOP VIEW)
FIN


Similar Part No. - BD4275FP2-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
500 mA Output LDO Regulator with Voltage Detector
BD42754FP2-CE2 ROHM-BD42754FP2-CE2 Datasheet
975Kb / 24P
500 mA Output LDO Regulator with Voltage Detector
More results

Similar Description - BD4275FP2-C

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
500 mA, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Rohm
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
500 mA Output LDO Regulator with Voltage Detector
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com