Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8300BE Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX8300BE
Description  NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8300BE Datasheet(HTML) 5 Page - California Eastern Labs

  NX8300BE Datasheet HTML 1Page - California Eastern Labs NX8300BE Datasheet HTML 2Page - California Eastern Labs NX8300BE Datasheet HTML 3Page - California Eastern Labs NX8300BE Datasheet HTML 4Page - California Eastern Labs NX8300BE Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NX8300BE-CC, NX8300CE-CC
OUTLINE DIMENSIONS (Units in mm)
PIN CONNECTIONS
OPTICAL FIBER CHARACTERISTICS
PARAMETER
UNITS SPECIFICATION
Mode Field Diameter
µm
9.5±1
Cladding Diameter
µm
125±2
Maximum Cladding Noncircularity
%
2
Maximum Core/Cladding Concentricity
%
1.6
Outer Diameter
mm
0.9±0.1
Cut-off Wavelength
nm
1100 to 1270
Minimum Fiber Bending Radius
mm
30
Fiber Length
mm
500±50
Flammability
UL 1581 VW-1
8.99±0.5 mm
35±2 mm
Fiber Length: 500±50 mm
Optical Fiber (SMF)
Length: 0.5 m
With SC Connevtor
ø3.2±0.25
ø7.0±0.2
29.0±1.0
15.0
8.0
4.0±0.2
ø6.0±1.0
12.7±0.2
17.0±0.2
ø0.45±0.05
ø0.9
Optical Fiber (SMF)
Length: 0.5 m
With SC Connector
ø3.2±0.25
ø7.0±0.2
0.5±0.2
ø0.45±0.05
(4 places)
ø0.9
15.0
29.3±1.0
8.0
P.C.D. = ø2.0
1.0±0.1
3.7±0.3
4 3
2
1
PD
LD
Case
4
3
2
1
P.C.D. = ø2.0
4
3
2
1
PD
LD Case
2 – ø2.5
12.0±0.15
16.0
7.0±0.2
ø16.0
4
1
3
2
PIN CONNECTIONS
NX8300BE-CC
NX8300CE-CC
PART NUMBER AVAILABLE CONNECTOR
FLANGE TYPE
NX8300BE-CC
With SC-UPC Connector
Flat Mount Flange
NX8300CE-CC
Vertical Mount
Flange
ORDERING INFORMATION
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
03/03/2003


Similar Part No. - NX8300BE

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8300BE-CC CEL-NX8300BE-CC Datasheet
125Kb / 5P
   InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8300BE-CC RENESAS-NX8300BE-CC Datasheet
245Kb / 13P
   LASER DIODE
2002
More results

Similar Description - NX8300BE

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
   NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com