Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8300BE Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX8300BE
Description  NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8300BE Datasheet(HTML) 2 Page - California Eastern Labs

  NX8300BE Datasheet HTML 1Page - California Eastern Labs NX8300BE Datasheet HTML 2Page - California Eastern Labs NX8300BE Datasheet HTML 3Page - California Eastern Labs NX8300BE Datasheet HTML 4Page - California Eastern Labs NX8300BE Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS RATINGS
Pf
Optical Output Power from Fiber
mW
5
IF
Forward Current of LD
mA
150
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
2.0
VR
Reverse Voltage of PD
V
15
TC
Operating Case Temperature
°C
0 to +75
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
Temperature (10 s)
°C
260
RH
Relative Humidity
(noncondensing)
%
85
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NX8300BE-CC, NX8300CE-CC
PARAMETER DEFINITIONS
2.4
PK
0
IF - Pf
dPo
dPK
IF - ηd
IF
(mA)
(mW)
Pf
kink =
x 100 [%]
|dPK|
PK
dPK = dPo MAX
PK ≤ 2.4 (mW)
Kink : kink
PK
0
dPo
dPL
Pf
Im
(mA)
(mW)
0.2
PL
2.0
LINm =
x 100 [%]
|dPL
|
PL
dPL = dPo MAX
0.2 < PL < 2.0 (mW)
Linearity : LINm
0
Pf
Im
Im
(mA)
(mW)
Pf
2.0
TC = 25°C
TC = 0 to +75C
γ = |10 log
| [dB]
Pf
2.0
Tracking Error : γγγγγ


Similar Part No. - NX8300BE

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8300BE-CC CEL-NX8300BE-CC Datasheet
125Kb / 5P
InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8300BE-CC RENESAS-NX8300BE-CC Datasheet
245Kb / 13P
LASER DIODE
2002
More results

Similar Description - NX8300BE

ManufacturerPart #DatasheetDescription
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
NECs CW InGaAsP MQW DFB LASER DIODE MODULE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com