Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCJB107M0020070 Datasheet(PDF) 3 Page - AVX Corporation

Part # TCJB107M0020070
Description  Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJB107M0020070 Datasheet(HTML) 3 Page - AVX Corporation

  TCJB107M0020070 Datasheet HTML 1Page - AVX Corporation TCJB107M0020070 Datasheet HTML 2Page - AVX Corporation TCJB107M0020070 Datasheet HTML 3Page - AVX Corporation TCJB107M0020070 Datasheet HTML 4Page - AVX Corporation TCJB107M0020070 Datasheet HTML 5Page - AVX Corporation TCJB107M0020070 Datasheet HTML 6Page - AVX Corporation TCJB107M0020070 Datasheet HTML 7Page - AVX Corporation TCJB107M0020070 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
JANUARY 2014
77
JANUARY 2014
77
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage
after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 162.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
Rated
Rated
Category Category
DCL
DF
ESR
100kHz RMS Current (mA)
Product
AVX
Case
Cap
Voltage
Temp.
Voltage
Temp.
(μA)
%
Max. (mΩ)
MSL
25ºC
85ºC
105ºC
125ºC
Category
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
2.5 Volt @ 85°C
TCJA686M002#0250
A
68
2.5
85
2
105
17.0
6
250
3
600
400
300
105°C
TCJA107M002#0200
A
100
2.5
85
2
105
25.0
6
200
3
700
500
300
105°C
TCJB107M002#0070
B
100
2.5
85
1.7
125
25.0
6
70
3
1300
900
600
300
125°C
TCJB157M002#0070
B
150
2.5
85
2
105
37.5
6
70
3
1300
900
600
105°C
TCJB227M002#0035
B
220
2.5
85
2
105
55
8
35
3
1900
1300
900
105°C
TCJB227M002#0045
B
220
2.5
85
2
105
55
8
45
3
1700
1200
800
105°C
TCJB227M002#0070
B
220
2.5
85
2
105
55
8
70
3
1300
900
600
105°C
TCJB337M002#0035
B
330
2.5
85
2
105
82.5
8
35
3
1900
1300
900
105°C
TCJB337M002#0045
B
330
2.5
85
2
105
82.5
8
45
3
1700
1200
800
105°C
TCJB337M002#0070
B
330
2.5
85
2
105
82.5
8
70
3
1300
900
600
105°C
TCJY337M002#0025
Y
330
2.5
85
2
105
82.5
6
25
3
2700
1900
1200
105°C
TCJY337M002#0040
Y
330
2.5
85
2
105
82.5
6
40
3
2200
1500
1000
105°C
TCJD477M002#0025
D
470
2.5
85
2
105
117.5
6
25
3
3000
2100
1400
105°C
TCJD477M002#0040
D
470
2.5
85
2
105
117.5
6
40
3
2400
1700
1100
105°C
TCJD477M002#0050
D
470
2.5
85
2
105
117.5
6
50
3
2100
1500
900
105°C
TCJY477M002#0025
Y
470
2.5
85
2
105
117.5
6
25
3
2700
1900
1200
105°C
TCJY477M002#0040
Y
470
2.5
85
2
105
117.5
6
40
3
2200
1500
1000
105°C
TCJY477M002#0050
Y
470
2.5
85
2
105
117.5
6
50
3
1900
1300
900
105°C
4 Volt @ 85°C
TCJA156M004#0300
A
15
4
85
2.7
125
6.0
6
300
3
600
400
300
200
125°C
TCJA226M004#0300
A
22
4
85
2.7
125
8.8
6
300
3
600
400
300
200
125°C
TCJA336M004#0300
A
33
4
85
2.7
125
13.2
6
300
3
600
400
300
200
125°C
TCJA476M004#0200
A
47
4
85
3.2
105
18.8
6
200
3
700
500
300
105°C
TCJT476M004#0080
T
47
4
85
3.2
105
18.8
8
80
3
1200
800
500
105°C
TCJA686M004#0250
A
68
4
85
3.2
105
27.2
6
250
3
600
400
300
105°C
TCJB686M004#0070
B
68
4
85
2.7
125
27.2
6
70
3
1300
900
600
300
125°C
TCJT686M004#0080
T
68
4
85
3.2
105
27.2
8
80
3
1100
800
500
105°C
TCJA107M004#0200
A
100
4
85
3.2
105
40.0
6
200
3
700
500
300
105°C
TCJB107M004#0070
B
100
4
85
2.7
125
40.0
8
70
3
1300
900
600
300
125°C
TCJG107M004#0300
G
100
4
85
3.2
105
40.0
10
300
3
600
400
300
105°C
TCJT107M004#0150
T
100
4
85
3.2
105
40.0
8
150
3
800
600
400
105°C
TCJB157M004#0070
B
150
4
85
3.2
105
60.0
6
70
3
1300
900
600
105°C
TCJY157M004#0025
Y
150
4
85
3.2
105
60.0
6
25
3
2700
1900
1200
105°C
TCJY157M004#0045
Y
150
4
85
3.2
105
60.0
6
45
3
2000
1400
900
105°C
TCJB227M004#0035
B
220
4
85
3.2
105
88.0
10
35
3
1900
1300
900
105°C
TCJB227M004#0045
B
220
4
85
3.2
105
88.0
10
45
3
1700
1200
800
105°C
TCJB227M004#0060
B
220
4
85
3.2
105
88.0
10
60
3
1500
1100
700
105°C
TCJB227M004#0070
B
220
4
85
3.2
105
88.0
10
70
3
1300
900
600
105°C
TCJD227M004#0015
D
220
4
105
4
105
88.0
6
15
3
3700
2600
1700
105°C
TCJD227M004#0040
D
220
4
105
4
105
88.0
6
40
3
2300
1600
1000
105°C
TCJY227M004#0015
Y
220
4
105
4
105
88.0
6
15
3
3500
2500
1600
105°C
TCJY227M004#0025
Y
220
4
85
3.2
105
88.0
6
25
3
2700
1900
1200
105°C
TCJY227M004#0040
Y
220
4
85
3.2
105
88.0
6
40
3
2200
1500
1000
105°C
TCJD337M004#0025
D
330
4
85
3.2
105
132
6
25
3
3000
2100
1400
105°C
TCJD337M004#0040
D
330
4
85
3.2
105
132
6
40
3
2400
1700
1100
105°C
TCJD337M004#0050
D
330
4
85
3.2
105
132
6
50
3
2100
1500
900
105°C
TCJY337M004#0025
Y
330
4
85
3.2
105
132
6
25
3
2700
1900
1200
105°C
TCJY337M004#0040
Y
330
4
85
3.2
105
132
6
40
3
2200
1500
1000
105°C
TCJY337M004#0050
Y
330
4
85
3.2
105
132
6
50
3
1900
1300
900
105°C
TCJD477M004#0025
D
470
4
85
3.2
105
188
6
25
3
3000
2100
1400
105°C
TCJD477M004#0040
D
470
4
85
3.2
105
188
6
40
3
2400
1700
1100
105°C
TCJD477M004#0050
D
470
4
85
3.2
105
188
6
50
3
2100
1500
900
105°C
TCJY477M004#0025
Y
470
4
85
3.2
105
188
6
25
3
2700
1900
1200
105°C
TCJY477M004#0040
Y
470
4
85
3.2
105
188
6
40
3
2200
1500
1000
105°C
TCJY477M004#0050
Y
470
4
85
3.2
105
188
6
50
3
1900
1300
900
105°C
6.3 Volt @ 85°C
TCJA106M006#0300
A
10
6.3
85
4
125
6.0
6
300
3
600
400
300
200
125°C
TCJN106M006#0250
N
10
6.3
85
5
105
6.0
6
250
3
600
400
300
105°C
TCJN106M006#0500
N
10
6.3
85
5
105
6.0
6
500
3
400
300
200
105°C
TCJR106M006#0500
R
10
6.3
85
5
105
6.0
6
500
3
400
300
200
105°C
TCJA156M006#0300
A
15
6.3
85
4
125
9.0
6
300
3
600
400
300
200
125°C
TCJA226M006#0300
A
22
6.3
85
4
125
13.2
6
300
3
600
400
300
200
125°C
TCJK226M006#0400
K
22
6.3
85
5
105
13.2
8
400
3
500
400
200
105°C
TCJN226M006#0500
N
22
6.3
85
5
105
13.2
10
500
3
400
300
200
105°C


Similar Part No. - TCJB107M0020070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJB107M0020070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJC686M006R0100 AVX-TCJC686M006R0100 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com