Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48515 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 48515
Description  RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

48515 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  48515 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PROTEKTIVE PAK
13520 MONTE VISTA AVENUE, CHINO, CA 91710
PHONE (909) 627-2578, FAX (909) 363-7331
www.ProtektivePak.com
DRAWING NUMBER
48500
DATE:
December
2012
© 2012 DESCO INDUSTRIES INC.
Employee Owned
RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
Side Weld Seals 3/8 in.
A fundamental ESD control principle (see ANSI/ESD S20.20 Foreword):
ESD susceptible items should be transported and stored outside an Electrostatic
protected Area enclosed in low charging, static shielding protective packaging.
The bag’s material meets the performance specification requirements of ANSI/ESD S541.
Bag is free of amines, N-octanoic acid, and heavy metals.
Mixed Unsortable Plastic Scrap
Mixed unsortable plastic scrap shall contain assorted plastics
of multiple grades that are co-extruded, bonded or laminated
together which are unsortable into individual grades.
Protektive Pak’s bags are recyclable
7
Made in the
United States of America
Item
Size (in.)
Item
Size (in.)
No.
W x L
No.
W x L
48500
4 x 4
48509
10 x 14
48501
4 x 6
48510
11 x 15
48502
5 x 8
48511
12 x 16
48503
6 x 8
48512
12 x 18
48504
6 x 10
48513
14 x 16
48505
8 x 8
48514
14 x 18
48506
8 x 10
48515
14 x 24
48507
8 x 12
48516
18 x 24
48508
10 x 12
Packaged 100 per package
RICHMOND 8300 SERIES
Specifications:
Electrical Properties
Typical Values
Test Procedures/Method
Surface Resistance:
Outer Surface
<1011 ohms
ANSI/ESD S11.11
Aluminum Layer
<102 ohms
ANSI/ESD S11.11
Inner Surface
<1011 ohms
ANSI/ESD S11.11
Static Shielding
<20 nJ
ANSI/ESD S11.31
Charge Generation (nC/in2)
Teflon: -0.03
Modified Incline Plane
Quartz: +0.10
Modified Incline Plane
Capacitance Probe (to dissipate 1 KV) <30V
ANSI/EIA 541/Appendix E, 1kV Discharge
Physical Properties:
Bag Thickness:
Polyester Layer
0.5 Mils Static Dissipative PET film ASTM D-2103
Aluminum Layer
10-25 Angstroms
Polyethylene Layer
2.5 Mils Static Dissipative PE film
ASTM D-2103
Total Thickness
3.0 to 3.1 Mils
ASTM D-2103
Light Transmission (%)
40% (Tobias)
ASTM D-1003
Seam Strength
Pass
ANSI/ESD S541
Tear Strength (lbs)
>25
ASTM D-1004
Puncture Resistance (lbs)
>10
ASTM D-2065
MVTR (gms / 100 in2 / 24 hrs, 100°F)
0.40
ASTM F-1249
Burst Strength (psi)
>50 psi
FTMS 101C, 2065.1
Heat Seal
>10 lbs/in.
375°F, 1/2 sec 60 psi
Abrasion Resistance
>30 cycles
Sutherland Abr. (.0000 Steel Wool)
Outgassing
Pass
ASTM E595
Non-corrosive
Pass
MIL-STD-3010, M3005
Chemical Properties
Corrosion
No effect on aluminum, copper, silver, Sn-Pb coated foil,
stainless steel, low carbon steel
Polycarbonate Capability,
Yes
No Amines N-Octanoic Acid
Not present
High Performance
Static Dissipative
Abrasion Resistant
Coating
Aluminum
Shielding Layer
Polyester Layer
Static Dissipative Inner
Polyethylene Layer


Similar Part No. - 48515

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4851 ETC2-4851 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
4851 ETC2-4851 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
logo
Littelfuse
48513 LITTELFUSE-48513 Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
48513-01-BX LITTELFUSE-48513-01-BX Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
48513-02-BX LITTELFUSE-48513-02-BX Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
More results

Similar Description - 48515

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48514 ETC2-48514 Datasheet
173Kb / 1P
   RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
13090 ETC2-13090 Datasheet
149Kb / 1P
   STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030" (.0762mm)
13080 ETC2-13080 Datasheet
149Kb / 1P
   STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030 (.0762mm)
13285 ETC2-13285 Datasheet
170Kb / 1P
   STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
13305 ETC2-13305 Datasheet
144Kb / 1P
   STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
logo
3M Electronics
30058 3M-30058 Datasheet
67Kb / 2P
   STATIC SHIELDING BAG, OPEN TOP AND ZIPTOP
logo
List of Unclassifed Man...
13510 ETC2-13510 Datasheet
146Kb / 1P
   STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13475 ETC2-13475 Datasheet
146Kb / 1P
   STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13506 ETC2-13506 Datasheet
146Kb / 1P
   STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030 (.0762mm)
13445 ETC2-13445 Datasheet
146Kb / 1P
   STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com