Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10000200 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 10000200
Description  Let RoseBopla be your partner for standard or customized enclosures.
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10000200 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 10000200 Datasheet HTML 35Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 36Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 37Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 38Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 39Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 40Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 41Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 42Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
37
84060000 00
84080000 00
84820000 00
84100000 00
84040000 00
84130000 00
84160001 00
84680000 00
84207000 00
84066001 00
84086001 00
84826000 00
84106001 00
84046000 00
84136000 00
84686000 00
84827000 00
84047000 00
84137000 00
84687000 00
• Ergonomic, individual hand-held enclosure in your design
• Available with profiles which are closed, divided horizontally, and open on one side
• High mechanical loading capacity of the profile and EMC screening ensure high level
of protective functions
ALUBOS
Included in delivery
ABP: Closed extrusion only. Black powder-coated Aluminum
sold by the meter
ABPH: Split extrusion only. Black powder-coated Aluminum
sold by the meter
ABPU: Extrusion open on one side. Black powder-coated
Aluminum sold by the meter
Technical Data
Material
Color
Ingress Protection
Aluminum extrusion, Al Mg Si 0.5, powder-coated aluminum diecast lid GD-Al Si 12
Powdercoated Satin Black, similar to RAL 9005, fine texture finish. Special colors on
request. Minimum order quantities apply
IP 65, EN 60529
IP 40 when using parallel adapters (AB-AP) with 600, 800 and 1000 extrusions
Part
Number
Model
Number
Dimensions
mm
Dimensions
Inches
L x W x H
L x W x H
ABP 600-1000
ABP 800-1000
ABP 820-1000
ABP 1000-1000
ABP 1040-1000
ABP 1300-1000
ABP 1600-1000
ABP 1680-1000
ABP 2070-1000
ABPH 600-1000
ABPH 800-1000
ABPH 820-1000
ABPH 1000-1000
ABPH 1040-1000
ABPH 1300-1000
ABPH 1680-1000
ABPU 820-1000
ABPU 1040-1000
ABPU 1300-1000
ABPU 1680-1000
1000 x 57 x 32
1000 x 82 x 32
1000 x 82 x 22
1000 x 106 x 32
1000 x 108 x 32
1000 x 138 x 34
1000 x 169 x 52
1000 x 169 x 82
1000 x 210 x 74
1000 x 57 x 32
1000 x 82 x 32
1000 x 82 x 22
1000 x 106 x 32
1000 x 108 x 42
1000 x 138 x 34
1000 x 169 x 82
1000 x 82 x 22
1000 x 108 x 42
1000 x 138 x 34
1000 x 169 x 82
39.37 x 2.24 x 1.26
39.37 x 3.23 x 1.26
39.37 x 3.23 x 0.87
39.37 x 4.17 x 1.26
39.37 x 4.25 x 1.26
39.37 x 5.43 x 1.34
39.37 x 6.65 x 2.05
39.37 x 6.65 x 3.23
39.37 x 8.27 x 2.91
39.37 x 2.24 x 1.26
39.37 x 3.23 x 1.26
39.37 x 3.23 x 0.87
39.37 x 4.17 x 1.26
39.37 x 4.25 x 1.65
39.37 x 5.43 x 1.34
39.37 x 6.65 x 3.23
39.37 x 3.23 x 0.87
39.37 x 4.25 x 1.65
39.37 x 5.43 x 1.34
39.37 x 6.65 x 3.23
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.


Similar Part No. - 10000200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1000020000 ETC2-1000020000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Turck, Inc.
100002004 TURCK-100002004 Datasheet
97Kb / 4P
   Pressure Transmitter – Ratiometric Output (3-Wire)
11/08/2023
100002006 TURCK-100002006 Datasheet
93Kb / 4P
   Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
100002007 TURCK-100002007 Datasheet
94Kb / 4P
   Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
100002008 TURCK-100002008 Datasheet
93Kb / 4P
   Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
More results

Similar Description - 10000200

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TST_DM TAI-SAW-TST_DM Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
List of Unclassifed Man...
M5512119 ETC2-M5512119 Datasheet
484Kb / 3P
   Attractive, universal enclosures for desktop or portable electronics
logo
Hammond Manufacturing L...
1590B HAMMOND-1590B Datasheet
230Kb / 1P
   Enclosures can be Factory Modified
1411ZU HAMMOND-1411ZU Datasheet
202Kb / 1P
   Enclosures can be Factory Modified
1550E HAMMOND-1550E Datasheet
861Kb / 1P
   Enclosures can be Factory Modified
1590BB HAMMOND-1590BB Datasheet
222Kb / 1P
   Enclosures can be Factory Modified
logo
List of Unclassifed Man...
ANT-2.4-JJB-RA ETC2-ANT-2.4-JJB-RA Datasheet
193Kb / 1P
   Use with plastic* or metal enclosures
logo
Advantech Co., Ltd.
AIM-P508 ADVANTECH-AIM-P508 Datasheet
317Kb / 1P
   Simple cradle for AIM 8" Industrial tab - let
17-Feb-2022
logo
List of Unclassifed Man...
ANT-315-CW-HD ETC2-ANT-315-CW-HD Datasheet
152Kb / 1P
   Use with plastic* or metal enclosures
ANT-315-CW-RAH ETC2-ANT-315-CW-RAH Datasheet
130Kb / 1P
   Use with plastic* or metal enclosures
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com