Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

242106 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 242106
Description  FEATURES BENEFITS High Quality Wide Selection Low Cost
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

242106 Datasheet(HTML) 2 Page - Amphenol Corporation

  242106 Datasheet HTML 1Page - Amphenol Corporation 242106 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMCX
MCX
SMA
SMB
SMC
Mini-UHF
F
BNC
TNC
UHF
N
7/16
U.FL
Plug
Jack
Plug
Jack
Plug
Jack
Plug
Jack
Plug
Jack
Plug
Jack
Plug
Jack
Plug
Jack
Plug
Jack
Plug
Jack
Plug
Jack
Plug
Jack
Jack
MMCX
Plug
262132
242142
242141
242169
242167
Jack
262136 262129
242140
242142
242166
242168
242225
Bulkhead Jack
262130
MCX
Plug
252169
242128
242127
242173
242171
Jack
252171
242126
242129
242170
242172
SMA
Plug
242142 242140 242128 242126
132168
132339 R/A
132171
242146 242144 242177 242174 242118 242116
242104
242102
242106
242124
242110
242108
242114
242112
242212
Jack
242141 242143 242127 242129
132171
132172 R/A
132169
132274 R/A 242145 242147 242175 242176 242117 242119
242103
242123
242105
242107
242109
242111
242113
242115
Bulkhead Jack 242193
132170
132170-10
242182
242227
272188
SMB
Plug
242146
242145
142246 142310
Jack
242144
242147
142310 142244
Bulkhead Jack
142250
SMC
Plug
242177
242175
Jack
242174
242176
252141
Bulkhead Jack
252145
Mini-UHF
Plug
242118
242117
242153
Jack
242116
242119
F
Plug
222156
222157 Push-on
222122 R/A
242157
242152
Jack
242223 242224
22157 Push-on
222122 R/A
242154
242161
242156
242158 R/A
242120
Bulkhead Jack
222121
BNC
Plug
242205 242203
242104
242103
242187 242184
242160
242154
112447 50
112448 75
112655 50 R/A
112667 50
112668 75
242151
242148
242139
242134
242122
242101
Jack
242204 242206
242102
242123
242185 242186
242159
242161
112451 50
112452 75
112445 50
12446 75
242149
242150
242164
242232 R/A
242165
242121
242100
Bulkhead Jack
112433 50
112434 75
242162
Panel Jack
112712
TNC
Plug
242210 242208
242106
242105
242197
242151
242149
122350 50
122351 75
122352 50 R/A
122353 75 R/A
242133
242131
Jack
242209
242124
242107
242148
242150
122352 50 R/A
122353 75 R/A
122348 50
122349 75
242130
242132
Bulkhead Jack
242178
122342 50
122343 75
242192
UHF
Plug
242110
242109
242139
242164
182134 R/A
Jack
242108
242111
242134
242165
182109
242155
Bulkhead Jack
242216
N
Plug
242169 242166 242173 242170
242114
242113
242157
242156
242158 R/A
242122
242121
242133
242130
242155
172122
172261 R/A
172276
172126 R/A
242138
242135
Jack
242167 242168 242171 242172
242112
242115
242152
242120
242101
242100
242131
242132
172276
172126 R/A
172123
242136
242137
Bulkhead Jack
242125
242183
172336
172124
272183
Panel Jack
242163
242198
172278
7/16
Plug
242138
242136
272134
272150 R/A
Jack
242135
242137
272150 R/A
272135
Bulkhead Jack
272174
1.0/2.3
Plug
242217
Jack
242218
Bulkhead Jack
242229-75 75
Amphenol Connex
800.942.6639
www.amphenolconnex.com
Need an adapter that’s not listed? Contact us toll-free.
Standard RF Connectors
• BNC
• SMA
• N Type
• MMCX
• MCX and many more...
Reverse Polarity and Reverse Threaded options available
RF Cable Assemblies
• Standard Flexible Cables
• Semi-Rigid Cables
• Corrugated Cables
Coaxial Adapters
Coaxial Adapters


Similar Part No. - 242106

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
24210100 PHOENIX-24210100 Datasheet
500Kb / 3P
   Program / configuration memory - SD FLASH 2GB PLCNEXT MEMORY
logo
Amphenol Corporation
242102 AMPHENOL-242102 Datasheet
62Kb / 1P
   SMA MALE TO BNC FEMALE ADATOR
logo
Weidmuller
2421020000 WEIDMULLER-2421020000 Datasheet
868Kb / 3P
   CMA-31-200-5A-2,5VA-0,5
logo
Amphenol Corporation
242103 AMPHENOL-242103 Datasheet
34Kb / 1P
   SMA FEMALE TO BNC MALE ADAPTER
logo
Weidmuller
2421030000 WEIDMULLER-2421030000 Datasheet
868Kb / 3P
   Primary current: 150 A, Secondary current max.: 5 A, Load: 2.5 VA
More results

Similar Description - 242106

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK9SST ETC2-MK9SST Datasheet
96Kb / 1P
   Features & Benefits
logo
HAMLIN Position and Mov...
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
   Moulded Switch Features and Benefits
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
   PCB Mount Features and Benefits
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
logo
Advanced Crystal Techno...
ACT530SMX-4 ACT-ACT530SMX-4_12 Datasheet
241Kb / 3P
   low cost, 4 & 2pad, high quality
19-09-2012
logo
List of Unclassifed Man...
57135-000 ETC2-57135-000 Datasheet
101Kb / 1P
   High Temperature Flange Mount Features and Benefits
logo
HAMLIN Position and Mov...
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
   Clamp Sensor Features and Benefits
logo
List of Unclassifed Man...
HE700 ETC2-HE700 Datasheet
486Kb / 2P
   D.I.L. Relay Features and Benefits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com