Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF8N50NZ Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FDPF8N50NZ
Description  DESIGN/PROCESS CHANGE NOTIFICATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF8N50NZ Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FDPF8N50NZ Datasheet HTML 6Page - Fairchild Semiconductor FDPF8N50NZ Datasheet HTML 7Page - Fairchild Semiconductor FDPF8N50NZ Datasheet HTML 8Page - Fairchild Semiconductor FDPF8N50NZ Datasheet HTML 9Page - Fairchild Semiconductor FDPF8N50NZ Datasheet HTML 10Page - Fairchild Semiconductor FDPF8N50NZ Datasheet HTML 11Page - Fairchild Semiconductor FDPF8N50NZ Datasheet HTML 12Page - Fairchild Semiconductor FDPF8N50NZ Datasheet HTML 13Page - Fairchild Semiconductor FDPF8N50NZ Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Qualification Plan
Device
Package
Process
No. of Lots
Q20120273
FCPF190N60
TF22S003
SuperFET2 600V TO220F
1
Reliability Test
Condition
Standard
Device Name
FCPF190N60
Lot No.
Q20120273AA
Duration
Result/FA
HTGB
100 % Rated VGS, Tj max=150C
JESD22-A108
1000hrs
0/77
HTRB
80% of Rated BV, Tj max=150C
JESD22-A108
1000hrs
0/77
HTSL
150 C
JESD22-A103
1000hrs
0/77
HAST
130 C, 85% RH, Vds=42V
JESD22-A110
96hrs
0/77
PRCL
Delta 100C, 2 min on, 3.5 min off
MIL-STD-750-1036
8572 cycles
0/77
RSDH
260C
JESD22-B106
10 sec
0/30
TMCL
-65 C to 150 C, 30 min/ cycles
JESD22-A104
500 cycles
0/77
Qualification Plan
Device
Package
Process
No. of Lots
Q20120277
FDD6N50TM
TT252002
UniFET1 300-500V/Dpak Ipak
1
Reliability
Test
Condition
Standard
Device Name
FDD6N50TM
Lot No.
Q20120277AA
Duration
Result/FA
PRECON
L1 260’C
JESD22-A113
5 Cycles 24
hrs
0/154
HTGB
100 % Rated VGS, Tj
max=150C
JESD22-A108
1000hrs
0/77
HTRB
80% of Rated BV, Tj max=150C
JESD22-A108
1000hrs
0/77
HTSL
150 C
JESD22-A103
1000hrs
0/77
HAST
130 C, 85% RH, Vds=42V
JESD22-A110
96hrs
0/77
PRCL
Delta 100C, 2 min on, 3.5 min
off
MIL-STD-750-
1036
10000 cycles
0/77
RSDH
260C
JESD22-B106
10 sec
0/30
TMCL
-65 C to 150 C, 30 min/ cycles
JESD22-A104
500 cycles
0/77
11 of 14


Similar Part No. - FDPF8N50NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF8N50NZ FAIRCHILD-FDPF8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
FDPF8N50NZF FAIRCHILD-FDPF8N50NZF Datasheet
479Kb / 9P
   N-Channel MOSFET 500V, 7A, 1廓
FDPF8N50NZT FAIRCHILD-FDPF8N50NZT Datasheet
379Kb / 10P
   N-Channel UniFET II MOSFET
More results

Similar Description - FDPF8N50NZ

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PCN-20180087 LITEON-PCN-20180087 Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
logo
STMicroelectronics
145 STMICROELECTRONICS-145 Datasheet
432Kb / 12P
   PRODUCT/PROCESS CHANGE NOTIFICATION
logo
ON Semiconductor
SMQA2000T1G ONSEMI-SMQA2000T1G Datasheet
104Kb / 15P
   FINAL PRODUCT/PROCESS CHANGE NOTIFICATION
Rev.14 Jun 2007
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com