Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1100D5S Datasheet(PDF) 3 Page - MTU Onsite Energy Corporation

Part # DS1100D5S
Description  DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

DS1100D5S Datasheet(HTML) 3 Page - MTU Onsite Energy Corporation

  DS1100D5S Datasheet HTML 1Page - MTU Onsite Energy Corporation DS1100D5S Datasheet HTML 2Page - MTU Onsite Energy Corporation DS1100D5S Datasheet HTML 3Page - MTU Onsite Energy Corporation DS1100D5S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 /// / 50 Hz 1100 kVA
APPLICATION DATA
//
Engine
Manufacturer
MTU
Model
16V2000G65TD
Type
4-Stroke
Arrangement
16-V
Displacement: L (cu inch)
1.99 (121)
Bore: mm (inch)
130 (5.1)
Stroke: mm (inch)
150 (5.9)
Compression ratio
16:1
Rated speed rpm
1500
Engine Governor
Electronic isochronous
Max power: kWm (bhp)
975 (1307)
Speed regulation
±0.25%
Air filter
Dry
//
Lube Oil Capacity
Total oil system: l (gal)
102 (27)
//
Electrical
Electric Volts DC
24
Cold cranking amps under -17.8 °C (0 °F)
1000
//
Fuel System
Fuel supply connection size
M22x1,5 - 60°/Male
Fuel return connection size
M12x1,5 - 60°/Male
Maximum fuel lift: m (ft)
5 (16)
Recommended fuel
see MTU fluids & lubrication spec.
Total fuel flow: l/hr (gal/hr)
600 (159)
//
Fuel Consumption
gal/hr
l/hr
g/kwh
At 100% of power rating:
62
234
199
At 75% of power rating:
45
172
195
At 50% of power rating:
31
116
198
//
Cooling/Radiator System
Ambient capacity of radiator: °C
40 (optional 50)
Max. restriction of cooling air, intake,
and discharge side of rad.: kPa (in. H
20)
0,2 (0,803)
Water pump capacity: l/min (gpm)
667 (176)
Heat rejection to coolant: kW (BTUM)
420 (23,885)
Heat rejection to after cooler: kW (BTUM)
200 (11,374)
Heat radiated to ambient: kW (BTUM)
45 (2559)
Engine coolant capacity: l (gal)
110 (29)
Coolant to cooler temperature: °C (°F)
95 (203)
//
Air Requirements
Aspirating: m3/min (SCFM)
72 (2540)
Air flow required for rad.
cooled unit: m3/min
1236 (43606)
//
Exhaust System
Gas temp. (stack): °C (°F)
535 (995)
Gas volume flow
temp: m3/min (SCFM)
198 (6985)
Maximum allowable
back pressure: kPA
8,5 (34)
APPLICATION DATA
//
The engine-generator set complies to G3
//
Engine generator set tested according to ISO 8528-5 for
transient response
//
Accepts rated load in one step as per NFPA 110
//
All engine-generator sets are type and factory tested
//
MTU Onsite Energy is a single source supplier
//
Global product support
//
Cooling System (integral set-mounted; engine driven fan)
//
16V2000 diesel engine (31,84 Liter (1943 cu inch)
displacement; 4-stroke)
//
Engine-generator resiliently mounted
//
Complete range of accessories
//
Brushless, rotating field generator (PMG excitation;
250% short circuit capability; 2/3 pitch stator windings)
//
Complete system metering
//
LCD display
STANDARD FEATURES
➀ Represents standard product only.Consult Factory/MTU Onsite Energy distributor for additional configurations.
➁ Values in accordance with ISO 3046-1. Conversion calculated with fuel density of 0.83 g/ml.
➂ System ratings at 50°C may differ.
➃ Air density = 1.184 kg/m3 (0.0739 lbm/ft3)


Similar Part No. - DS1100D5S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1100 DALLAS-DS1100 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
logo
Maxim Integrated Produc...
DS1100 MAXIM-DS1100 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
Dallas Semiconductor
DS1100-100 DALLAS-DS1100-100 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
DS1100-125 DALLAS-DS1100-125 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
DS1100-150 DALLAS-DS1100-150 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
More results

Similar Description - DS1100D5S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DS0330D5S MTU-DS0330D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS1000D5S MTU-DS1000D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
DS1250D5S MTU-DS1250D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
DS0400D5S MTU-DS0400D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
DP0275D5S MTU-DP0275D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS0300D5S MTU-DS0300D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS0850D5S MTU-DS0850D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
DS0715D5S MTU-DS0715D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
DS0500D5S MTU-DS0500D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS0650D5S MTU-DS0650D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com