Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1100D5S Datasheet(PDF) 2 Page - MTU Onsite Energy Corporation

Part # DS1100D5S
Description  DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

DS1100D5S Datasheet(HTML) 2 Page - MTU Onsite Energy Corporation

  DS1100D5S Datasheet HTML 1Page - MTU Onsite Energy Corporation DS1100D5S Datasheet HTML 2Page - MTU Onsite Energy Corporation DS1100D5S Datasheet HTML 3Page - MTU Onsite Energy Corporation DS1100D5S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 /// / 50 Hz 1100 kVA
//
Engine
Air filters
Oil pump for draining
Full flow oil filters
Closed crankcase ventilation
Jacket water pump
Thermostats
Exhaust manifold – dry
Belt driven radiator fan
Radiator – unit mounted
Electric starting motor – 24V
Governor – electronic isochronous
Base – formed steel
SAE flywheel & bell housing
Charging alternator
Flexible fuel connectors
Flexible exhaust connection
//
Generator
NEMA MG1, IEEE and ANSI standards compliance for temperature rise
and motor
VDE 0530, IEC 60034-1, BS4999, BS5000, CSA22.2-100, AS 1359
Sustained short circuit current of up to 250% of the rated current
for up to 10 seconds
Self-ventilated and drip-proof IP23
Superior voltage waveform
Digital, volts-per-hertz regulator
No load to full load regulation
Brushless alternator with brushless pilot exciter
4 Pole, rotating field
150 °C maximum standby temperature rise
Heavy duty shielded ball bearings with a minimum B-10 life of
40,000 hrs
Flexible coupling
Full amortisseur windings
3-phase voltage sensing
±0.25% voltage regulation
100% of rated load – one step according to NFPA 110
3% maximum harmonic content
STANDARD EQUIPMENT
➀ Represents standard product only.Consult Factory/MTU Onsite Energy distributor for additional configurations.
//
Engine-generator set is designed and manufactured in
facilities certified to standards ISO 9001:2008 and
ISO 14001:2004
//
Performance Assurance Certification (PAC)
- Engine-generator set tested according to ISO 8528-5 for
transient response
- Verified product design, quality and performance integrity
- All engine systems are type and factory tested
//
Power Rating
- Permissible average power output during 24 hours of
operation up to 85%
CERTIFICATIONS AND STANDARDS


Similar Part No. - DS1100D5S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1100 DALLAS-DS1100 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
logo
Maxim Integrated Produc...
DS1100 MAXIM-DS1100 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
Dallas Semiconductor
DS1100-100 DALLAS-DS1100-100 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
DS1100-125 DALLAS-DS1100-125 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
DS1100-150 DALLAS-DS1100-150 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
More results

Similar Description - DS1100D5S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DS0330D5S MTU-DS0330D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS1000D5S MTU-DS1000D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
DS1250D5S MTU-DS1250D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
DS0400D5S MTU-DS0400D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
DP0275D5S MTU-DP0275D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS0300D5S MTU-DS0300D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS0850D5S MTU-DS0850D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
DS0715D5S MTU-DS0715D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
DS0500D5S MTU-DS0500D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS0650D5S MTU-DS0650D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com