Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EG80C186EC25 Datasheet(PDF) 40 Page - Intel Corporation

Part # EG80C186EC25
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EG80C186EC25 Datasheet(HTML) 40 Page - Intel Corporation

Back Button EG80C186EC25 Datasheet HTML 36Page - Intel Corporation EG80C186EC25 Datasheet HTML 37Page - Intel Corporation EG80C186EC25 Datasheet HTML 38Page - Intel Corporation EG80C186EC25 Datasheet HTML 39Page - Intel Corporation EG80C186EC25 Datasheet HTML 40Page - Intel Corporation EG80C186EC25 Datasheet HTML 41Page - Intel Corporation EG80C186EC25 Datasheet HTML 42Page - Intel Corporation EG80C186EC25 Datasheet HTML 43Page - Intel Corporation EG80C186EC25 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
80C186EC188EC 80L186EC188EC
DERATING CURVES
272434 – 13
Figure 14 Typical Output Delay Variations versus Load Capacitance
272434 – 14
Figure 15 Typical Rise and Fall Variations versus Load Capacitance
RESET
The processor will perform a reset operation any
time the RESIN pin is active The RESIN pin is syn-
chronized before it is presented internally which
means that the clock must be operating before a
reset can take effect From a power-on state RESIN
must be held active (low) in order to guarantee cor-
rect initialization of the processor Failure to pro-
vide RESIN while the device is powering up will
result in unspecified operation of the device
Figure 16 shows the correct reset sequence when
first applying power to the processor An external
clock connected to CLKIN must not exceed the VCC
threshold being applied to the processor This is nor-
mally not a problem if the clock driver is supplied
with the same VCC that supplies the processor
When attaching a crystal to the device RESIN must
remain active until both VCC and CLKOUT are stable
(the length of time is application specific and de-
pends on the startup characteristics of the crystal
circuit) The RESIN pin is designed to operate cor-
rectly using a RC reset circuit but the designer must
ensure that the ramp time for VCC is not so long that
RESIN is never sampled at a logic low level when
VCC reaches minimum operating conditions
Figure 17 shows the timing sequence when RESIN
is applied after VCC is stable and the device has
been operating Note that a reset will terminate all
activity and return the processor to a known operat-
ing state Any bus operation that is in progress at the
time RESIN is asserted will terminate immediately
(note that most control signals will be driven to their
inactive state first before floating)
While
RESIN
is
active
bus
signals
LOCK
A19S16ONCE and A1816 are configured as in-
puts and weakly held high by internal pullup transis-
tors Only A19ONCE can be overdriven to a low
and is used to enable the ONCE Mode Forcing
LOCK or A1816 low at any time while RESIN is low
is prohibited and will cause unspecified device oper-
ation
40


Similar Part No. - EG80C186EC25

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
EG80C186EB25 INNOVASIC-EG80C186EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
EG80C186EB25 INNOVASIC-EG80C186EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - EG80C186EC25

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com