Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EG80C186EC25 Datasheet(PDF) 29 Page - Intel Corporation

Part # EG80C186EC25
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EG80C186EC25 Datasheet(HTML) 29 Page - Intel Corporation

Back Button EG80C186EC25 Datasheet HTML 25Page - Intel Corporation EG80C186EC25 Datasheet HTML 26Page - Intel Corporation EG80C186EC25 Datasheet HTML 27Page - Intel Corporation EG80C186EC25 Datasheet HTML 28Page - Intel Corporation EG80C186EC25 Datasheet HTML 29Page - Intel Corporation EG80C186EC25 Datasheet HTML 30Page - Intel Corporation EG80C186EC25 Datasheet HTML 31Page - Intel Corporation EG80C186EC25 Datasheet HTML 32Page - Intel Corporation EG80C186EC25 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
80C186EC188EC 80L186EC188EC
ICC versus Frequency and Voltage
The ICC consumed by the processor is composed of
two components
1 IPD The quiescent current that represents inter-
nal device leakage Measured with all inputs at
either VCC or ground and no clock applied
2 ICCS The switching current used to charge and
discharge internal parasitic capacitance when
changing logic levels ICCS is related to both the
frequency of operation and the device supply
voltage (VCC) ICCS is given by the formula
Power e V
I e V2
CDEV
f
ICCS e V
CDEV
f
Where
V e Supply Voltage (VCC)
CDEV e Device Capacitance
f e Operating Frequency
Measuring CPD on a device like the 80C186EC
would be difficult Instead CPD is calculated using
the above formula with ICC values measured at
known VCC and frequency Using the CPD value the
user can calculate ICC at any voltage and frequency
within the specified operating range
Example
Calculate typical ICC at 14 MHz 52V VCC
ICC e IPD a ICCS
e
01 mA a 52V
077
14 MHz
e
562 mA
PDTMR Pin Delay Calculation
The PDTMR pin provides a delay between the as-
sertion of NMI and the enabling of the internal
clocks when exiting Powerdown Mode A delay is
required only when using the on chip oscillator to
allow the crystal or resonator circuit to stabilize
NOTE
The PDTMR pin function does not apply when
RESIN is asserted (ie a device reset while in Pow-
erdown is similar to a cold reset and RESIN must
remain active until after the oscillator has stabilized
To calculate the value of capacitor to use to provide
a desired delay use the equation
440 c t e CPD (5V 25 C)
Where
t e desired delay in seconds
CPD e capacitive load on PDTMR in microfarads
Example
For a delay of 300 ms a capacitor value of
CPD e 440 c (300 c 10b6 e 0132 mF is required
Round up to a standard (available) capacitor value
NOTE
The above equation applies to delay time longer
than 10 ms and will compute the TYPICAL capaci-
tance needed to achieve the desired delay A delay
variance of a50% to b25% can occur due to
temperature
voltage
and device process ex-
tremes In general higher VCC andor lower tem-
peratures will decrease delay time while lower VCC
andor higher temperature will increase delay time
Parameter
Typical
Max
Units
Notes
CPD
077
137
mAV MHz
1 2
CPD (Idle Mode)
055
096
mAV MHz
1 2
NOTES
1 Maximum CPD is measured at b40 C with all outputs loaded as specified in the AC test conditions and the device in reset
(or Idle Mode) Due to tester limitations CLKOUT and OSCOUT also have 50 pF loads that increase ICC by V C F
2 Typical CPD is calculated at 25 C assuming no loads on CLKOUT or OSCOUT and the device in reset (or Idle Mode)
29


Similar Part No. - EG80C186EC25

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
EG80C186EB25 INNOVASIC-EG80C186EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
EG80C186EB25 INNOVASIC-EG80C186EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - EG80C186EC25

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com